Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5551 Datasheet (PDF) - Sanyo Semicon Device

C5551 Datasheet PDF - Sanyo Semicon Device
Part # C5551
Download  C5551 Download
File Size   43.33 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Medium-Output Amplifier Applications

C5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5551 Datasheet PDF - Sanyo Semicon Device

Part # C5551
Download  C5551 Click to download

File Size   43.33 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Medium-Output Amplifier Applications

C5551 Datasheet (HTML) - Sanyo Semicon Device


C5551 Product details

High-Frequency Medium-Output Amplifier Applications

Features
• High fT : (fT=3.5GHz typ).
• Large current : (IC=300mA).
• Large allowable collector dissipation (1.3W max).




Similar Part No. - C5551

ManufacturerPart #DatasheetDescription
logo
Powerbox
C555 POWERBOX-C555 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Unisonic Technologies
C555 UTC-C555 Datasheet
167Kb / 4P
SINGLE TIMER
C555 UTC-C555 Datasheet
208Kb / 4P
SINGLE TIMER
logo
Panasonic Semiconductor
C5552 PANASONIC-C5552 Datasheet
46Kb / 1P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
logo
Unisonic Technologies
C555G-D08-T UTC-C555G-D08-T Datasheet
167Kb / 4P
SINGLE TIMER
More results


Similar Description - C5551

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1969 SANYO-2SA1969 Datasheet
111Kb / 4P
High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
CPH3004 SANYO-CPH3004 Datasheet
48Kb / 7P
High-Frequency Medium-Power Amplifier Applications
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
2SC5347A SANYO-2SC5347A Datasheet
78Kb / 6P
High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifier Applications
CPH6003A SANYO-CPH6003A Datasheet
64Kb / 5P
High-frequency Medium-power Amplifier Applications
2SC5551A SANYO-2SC5551A_12 Datasheet
403Kb / 6P
High-Frequency Medium-Output Amplifier Applications
CPH6003A SANYO-CPH6003A_12 Datasheet
536Kb / 7P
High-frequency Medium-power Amplifier Applications
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
CPH6003A-D SANYO-CPH6003A-D Datasheet
531Kb / 7P
High-frequency Medium-power Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com