Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY84 Datasheet (PDF) - ATMEL Corporation

ATTINY84 Datasheet PDF - ATMEL Corporation
Part # ATTINY84
Download  ATTINY84 Download
File Size   4754.82 Kbytes
Page   238 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash

ATTINY84 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY84 Datasheet PDF - ATMEL Corporation

Part # ATTINY84
Download  ATTINY84 Click to download

File Size   4754.82 Kbytes
Page   238 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash

ATTINY84 Datasheet (HTML) - ATMEL Corporation


ATTINY84 Product details

Overview
ATtiny24/44/84 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny24/44/84 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 120 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• Non-Volatile Program and Data Memories
   – 2/4/8K Bytes of In-System Programmable Program Memory Flash
      • Endurance: 10,000 Write/Erase Cycles
   – 128/256/512 Bytes of In-System Programmable EEPROM
      • Endurance: 100,000 Write/Erase Cycles
   – 128/256/512 Bytes of Internal SRAM
   – Data retention: 20 years at 1°C / 100 years at 25°C
   – Programming Lock for Self-Programming Flash & EEPROM Data Security
• Peripheral Features
   – One 8-Bit and One 16-Bit Timer/Counter with Two PWM Channels, Each
   – 10-bit ADC
      • 8 Single-Ended Channels
      • 12 Differential ADC Channel Pairs with Programmable Gain (1x / 20x)
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
   – Universal Serial Interface
• Special Microcontroller Features
   – debugWIRE On-chip Debug System
   – In-System Programmable via SPI Port
   – Internal and External Interrupt Sources: Pin Change Interrupt on 12 Pins
   – Low Power Idle, ADC Noise Reduction, Standby and Power-Down Modes
   – Enhanced Power-on Reset Circuit
   – Programmable Brown-out Detection Circuit
   – Internal Calibrated Oscillator
   – On-chip Temperature Sensor
• I/O and Packages
   – Available in 20-Pin QFN/MLF & 14-Pin SOIC and PDIP
   – Twelve Programmable I/O Lines
• Operating Voltage:
   – 1.8 – 5.5V for ATtiny24V/44V/84V
   – 2.7 – 5.5V for ATtiny24/44/84
• Speed Grade
   – ATtiny24V/44V/84V
      • 0 – 4 MHz @ 1.8 – 5.5V
      • 0 – 10 MHz @ 2.7 – 5.5V
   – ATtiny24/44/84
      • 0 – 10 MHz @ 2.7 – 5.5V
      • 0 – 20 MHz @ 4.5 – 5.5V
• Industrial Temperature Range: -40°C to +85°C
• Low Power Consumption
   – Active Mode (1 MHz System Clock): 300 µA @ 1.8V
   – Power-Down Mode: 0.1 µA @ 1.8V




Similar Part No. - ATTINY84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY84 ATMEL-ATTINY84 Datasheet
287Kb / 21P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny84 ATMEL-ATtiny84 Datasheet
544Kb / 26P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny84 ATMEL-ATtiny84 Datasheet
4Mb / 236P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY84 ATMEL-ATTINY84 Datasheet
666Kb / 25P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny84 ATMEL-ATtiny84 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
More results


Similar Description - ATTINY84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATTINY25V ATMEL-ATTINY25V Datasheet
662Kb / 29P
Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_14 Datasheet
6Mb / 206P
8-bit AVR Microcontroller with 2/4/8K Bytes In-System
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com