Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6305 Datasheet (PDF) - Princeton Technology Corp

PT6305 Datasheet PDF - Princeton Technology Corp
Part # PT6305
Download  PT6305 Download
File Size   132.24 Kbytes
Page   17 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description VFD Driver/Controller IC

PT6305 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6305 Datasheet PDF - Princeton Technology Corp

Part # PT6305
Download  PT6305 Click to download

File Size   132.24 Kbytes
Page   17 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description VFD Driver/Controller IC

PT6305 Datasheet (HTML) - Princeton Technology Corp


PT6305 Product details

DESCRIPTION

PT6305 is a 48-Bit High Voltage Display Driver utilizing CMOS technology specially designed for VFD display panels. It provides a 48-bit shift register, a 48-bit latch and a high-voltage CMOS driver. The logic circuit operates on a 5 volt power supply (CMOS level input) making it possible for the PT6305 to be used in conjunction with a microcomputer. The driver block consists of an 80 volt, 50mA (max.) high voltage output buffer. Pin assignments and application circuits are optimized for easy PCB layout and cost saving benefits.



FEATURES

• CMOS technology

• Low power consumption

• 48-bit shift registers

• Data controlled via external transfer clock and latch

• High speed data transfer

• Wide operating temperature range: -40 to +85℃

• High voltage output (70V, 40mA)

• Polarities of all drivers may be inverted by using PCB pin

• Available in 100-pins QFP package



APPLICATION

• Microcomputer peripherals



 




Similar Part No. - PT6305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
PT6305 TI1-PT6305 Datasheet
347Kb / 6P
Internal Short Circuit Protection
PT6305 TI1-PT6305_14 Datasheet
347Kb / 6P
Internal Short Circuit Protection
More results


Similar Description - PT6305

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
VFD Driver/Controller IC
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
VFD Driver/Controller IC
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
VFD Driver/Controller IC
V1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com