Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6937 Datasheet (PDF) - Princeton Technology Corp

PT6937 Datasheet PDF - Princeton Technology Corp
Part # PT6937
Download  PT6937 Download
File Size   230.72 Kbytes
Page   15 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description White LED Step-Up Converter

PT6937 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6937 Datasheet PDF - Princeton Technology Corp

Part # PT6937
Download  PT6937 Click to download

File Size   230.72 Kbytes
Page   15 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description White LED Step-Up Converter

PT6937 Datasheet (HTML) - Princeton Technology Corp


PT6937 Product details

DESCRIPTION
The PT6937 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The device can drive two, three or four LEDs in series from a Li-Ion cell. Series connection of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The PT6937 switches at 1.2MHz, allowing the use of tiny external components. The output capacitor can be as small as 0.22µF, saving space and cost versus alternative solutions. A low 95mV feedback voltage minimizes power loss in the current setting resistor for better efficiency. The PT6937 is available in a low profile SOT package.

FEATURES
• High efficiency: 85% Typical
• Drives up to four LEDs from a 3.3V supply
• Drives up to ten LEDs from a 5V supply
• Fast 1.2MHz switching frequency
• Uses tiny 22µH inductors
• Requires only 0.22µF output capacitor
• Low profile SOT package

APPLICATIONS
• Cellular phones
• PDAs, Handheld computers
• Digital cameras
• MP3 players
• GPS receivers




Similar Part No. - PT6937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6937 TI-PT6937 Datasheet
242Kb / 12P
11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PT6937 TI-PT6937 Datasheet
446Kb / 14P
Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
PT6937A TI-PT6937A Datasheet
446Kb / 14P
Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
PT6937C TI-PT6937C Datasheet
446Kb / 14P
Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
More results


Similar Description - PT6937

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com