Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR102 Datasheet (PDF) - Shenzhen Ping Sheng Electronics Co., Ltd.

SR102 Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.
Part # SR102
Download  SR102 Download
File Size   258.37 Kbytes
Page   2 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR102 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR102 Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SR102
Download  SR102 Click to download

File Size   258.37 Kbytes
Page   2 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR102 Datasheet (HTML) - Shenzhen Ping Sheng Electronics Co., Ltd.


SR102 Product details

FEATURES
• Fast switching.
• Low forward voltage, high current capability.
• Low power loss, high efficiency.
• High current surge capability.
   250°C/10 seconds, 0.375" (9.5mm) lead length
   at 5 lbs. (2.3kg) tension.
• High temperature soldering guaranteed:




Similar Part No. - SR102

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Jinan Gude Electronic D...
SR102 JGD-SR102 Datasheet
143Kb / 2P
1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR102 DIODES-SR102 Datasheet
149Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
logo
Taiwan Semiconductor Co...
SR102 TSC-SR102 Datasheet
64Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102 Datasheet
250Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
More results


Similar Description - SR102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
20-Apr-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com