Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3S Datasheet (PDF) - ATMEL Corporation

ATSAM3S Datasheet PDF - ATMEL Corporation
Part # ATSAM3S
Download  ATSAM3S Download
File Size   1886.02 Kbytes
Page   65 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Cortex M3-based Processor

ATSAM3S Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAM3S Datasheet PDF - ATMEL Corporation

Part # ATSAM3S
Download  ATSAM3S Click to download

File Size   1886.02 Kbytes
Page   65 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91 ARM Cortex M3-based Processor

ATSAM3S Datasheet (HTML) - ATMEL Corporation


ATSAM3S Product details

Description
Atmels SAM3S series is a member of a family of 32-bit Flash microcontrollers based on the high performance ARM Cortex-M3 processor. It operates at a maximum speed of 64 MHz and features up to 256 Kbytes of Flash and up to 48 Kbytes of SRAM. The peripheral set includes a Full Speed USB Device port with embedded transceiver, a High Speed MCI for SDIO/SD/MMC, an External Bus Interface featuring a Static Memory Controller providing connection to SRAM, PSRAM, NOR Flash, LCD Module and NAND Flash, 2x USARTs, 2x UARTs, 2x TWIs, 3x SPI, an I2S, as well as 1 PWM timer, 6x general-purpose 16-bit timers, an RTC, an ADC, a 12-bit DAC and an analog comparator.

Features
• Core
    – ARM® Cortex®-M3 revision 2.0 running at up to 64 MHz
    – Memory Protection Unit (MPU)
    – Thumb®-2 instruction set
• Pin-to-pin compatible with AT91SAM7S series (48- and 64-pin versions)
• Memories
    – From 64 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator, single plane
    – From 16 to 48 Kbytes embedded SRAM
    – 16 Kbytes ROM with embedded bootloader routines (UART, USB) and IAP routines
    – 8-bit Static Memory Controller (SMC): SRAM, PSRAM, NOR and NAND Flash support
    – Memory Protection Unit (MPU)
• System
    – Embedded voltage regulator for single supply operation
    – Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe operation
    – Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure Detection and optional low power 32.768 kHz for RTC or device clock
    – High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default frequency for device startup. Inapplication trimming access for frequency adjustment
    – Slow Clock Internal RC oscillator as permanent low-power mode device clock
    – Two PLLs up to 130 MHz for device clock and for USB
    – Temperature Sensor
    – Up to 22 peripheral DMA (PDC) channels
• Low Power Modes
    – Sleep and Backup modes, down to 1.8 µA in Backup mode
    – Ultra low power RTC
• Peripherals
    – USB 2.0 Device: 12 Mbps, 2668 byte FIFO, up to 8 bidirectional Endpoints. On-Chip Transceiver
    – Up to 2 USARTs with ISO7816, IrDA®, RS-485, SPI, Manchester and Modem Mode
    – Two 2-wire UARTs
    – Up to 2 Two Wire Interface (I2C compatible), 1 SPI, 1 Serial Synchronous Controller (I2S), 1 High Speed Multimedia Card Interface (SDIO/SD Card/MMC)
    – Up to 6 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and PWM mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for Stepper Motor
    – 4-channel 16-bit PWM with Complementary Output, Fault Input, 12-bit Dead Time Generator Counter for Motor Control
    – 32-bit Real-time Timer and RTC with calendar and alarm features
    – Up to 15-channel, 1Msps ADC with differential input mode and programmable gain stage
    – One 2-channel 12-bit 1Msps DAC
    – One Analog Comparator with flexible input selection, Selectable input hysteresis
    – 32-bit Cyclic Redundancy Check Calculation Unit (CRCCU)
    – Write Protected Registers
• I/O
    – Up to 79 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and on-die Series Resistor Termination
    – Three 32-bit Parallel Input/Output Controllers, Peripheral DMA assisted Parallel Capture Mode
• Packages
    – 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm
    – 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/64-pad QFN 9x9 mm, pitch 0.5 mm
    – 48-lead LQFP, 7 x 7 mm, pitch 0.5 mm/48-pad QFN 7x7 mm, pitch 0.5 mm




Similar Part No. - ATSAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3S-EK ATMEL-ATSAM3S-EK Datasheet
565Kb / 2P
Atmel Evaluation Kits
ATSAM3S2AA-AU ATMEL-ATSAM3S2AA-AU Datasheet
1Mb / 64P
ARM-based Flash MCU
ATSAM3S2BA-AU ATMEL-ATSAM3S2BA-AU Datasheet
1Mb / 64P
ARM-based Flash MCU
ATSAM3S2BA-MU ATMEL-ATSAM3S2BA-MU Datasheet
1Mb / 64P
ARM-based Flash MCU
ATSAM3S2CA-AU ATMEL-ATSAM3S2CA-AU Datasheet
1Mb / 64P
ARM-based Flash MCU
More results


Similar Description - ATSAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
715Kb / 39P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7L128 ATMEL-AT91SAM7L128 Datasheet
1Mb / 48P
AT91 ARM Thumb-based Microcontroller
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
AT91 ARM Thumb-based Microcontrollers
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 61P
AT91ARM M3 Cortex-based Processor
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
logo
ATMEL Corporation
AT91SAM7X512 ATMEL-AT91SAM7X512 Datasheet
413Kb / 44P
AT91 ARM Thumb-based Microcontrollers
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com