Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3S Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM3S
Description  AT91 ARM Cortex M3-based Processor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM3S Datasheet HTML 1Page - ATMEL Corporation ATSAM3S Datasheet HTML 2Page - ATMEL Corporation ATSAM3S Datasheet HTML 3Page - ATMEL Corporation ATSAM3S Datasheet HTML 4Page - ATMEL Corporation ATSAM3S Datasheet HTML 5Page - ATMEL Corporation ATSAM3S Datasheet HTML 6Page - ATMEL Corporation ATSAM3S Datasheet HTML 7Page - ATMEL Corporation ATSAM3S Datasheet HTML 8Page - ATMEL Corporation ATSAM3S Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
NOTE: This is a summary document.
The complete document is available on
the Atmel website at www.atmel.com.
Features
Core
– ARM® Cortex®-M3 revision 2.0 running at up to 64 MHz
– Memory Protection Unit (MPU)
–Thumb®-2 instruction set
Pin-to-pin compatible with AT91SAM7S legacy products (48- and 64-pin versions)
Memories
– From 64 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator,
single plane
– From 16 to 48 Kbytes embedded SRAM
– 16 Kbytes ROM with embedded bootloader routines (UART, USB) and IAP routines
– 8-bit Static Memory Controller (SMC): SRAM, PSRAM, NOR and NAND Flash
support
– Memory Protection Unit (MPU)
System
– Embedded voltage regulator for single supply operation
– Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe
operation
– Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure
Detection and optional low power 32.768 kHz for RTC or device clock
– High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default
frequency for device startup. In-application trimming access for frequency
adjustment
– Slow Clock Internal RC oscillator as permanent low-power mode device clock
– Two PLLs up to 130 MHz for device clock and for USB
– Temperature Sensor
– Up to 22 peripheral DMA (PDC) channels
Low Power Modes
– Sleep and Backup modes, down to 3 µA in Backup mode
– Ultra low power RTC
Peripherals
– USB 2.0 Device: 12 Mbps, 2668 byte FIFO, up to 8 bidirectional Endpoints. On-Chip
Transceiver
– Up to 2 USARTs with ISO7816, IrDA®, RS-485, SPI, Manchester and Modem Mode
– Two 2-wire UARTs
– Up to 2 Two Wire Interface (I2C compatible), 1 SPI, 1 Serial Synchronous Controller
(I2S), 1 High Speed Multimedia Card Interface (SDIO/SD Card/MMC)
– Up to 6 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and
PWM mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for
Stepper Motor
– 4-channel 16-bit PWM with Complementary Output, Fault Input, 12-bit Dead Time
Generator Counter for Motor Control
– 32-bit Real-time Timer and RTC with calendar and alarm features
– Up to 15-channel, 1Msps ADC with differential input mode and programmable gain
stage
– One 2-channel 12-bit 1Msps DAC
– One Analog Comparator with flexible input selection, window mode, Selectable
input hysteresis
– 32-bit Cyclic Redundancy Check Calculation Unit (CRCCU)
I/O
– Up to 79 I/O lines with external interrupt capability (edge or level sensitivity),
debouncing, glitch filtering and on-die Series Resistor Termination
– Three 32-bit Parallel Input/Output Controllers, Peripheral DMA assisted Parallel
Capture Mode
Packages
– 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm / 100-ball LFBGA, 9 x 9 mm, pitch 0.8 mm
– 64-lead LQFP, 12 x 12 mm, pitch 0.5 mm / 64-pad QFN 9x9 mm, pitch 0.45 mm
– 48-lead LQFP, 9 x 9 mm, pitch 0.5 mm / 48-pad QFN 7x7 mm, pitch 0.45 mm
AT91 ARM
Cortex M3-based
Processor
ATSAM3S Series
Preliminary
Summary
6500AS–ATARM–11-Dec-09


Similar Part No. - ATSAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3S-EK ATMEL-ATSAM3S-EK Datasheet
565Kb / 2P
Atmel Evaluation Kits
ATSAM3S2AA-AU ATMEL-ATSAM3S2AA-AU Datasheet
1Mb / 64P
ARM-based Flash MCU
ATSAM3S2BA-AU ATMEL-ATSAM3S2BA-AU Datasheet
1Mb / 64P
ARM-based Flash MCU
ATSAM3S2BA-MU ATMEL-ATSAM3S2BA-MU Datasheet
1Mb / 64P
ARM-based Flash MCU
ATSAM3S2CA-AU ATMEL-ATSAM3S2CA-AU Datasheet
1Mb / 64P
ARM-based Flash MCU
More results

Similar Description - ATSAM3S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
715Kb / 39P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7L128 ATMEL-AT91SAM7L128 Datasheet
1Mb / 48P
AT91 ARM Thumb-based Microcontroller
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
AT91 ARM Thumb-based Microcontrollers
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 61P
AT91ARM M3 Cortex-based Processor
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
logo
ATMEL Corporation
AT91SAM7X512 ATMEL-AT91SAM7X512 Datasheet
413Kb / 44P
AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com