Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3S Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATSAM3S
Description  AT91 ARM Cortex M3-based Processor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATSAM3S Datasheet HTML 25Page - ATMEL Corporation ATSAM3S Datasheet HTML 26Page - ATMEL Corporation ATSAM3S Datasheet HTML 27Page - ATMEL Corporation ATSAM3S Datasheet HTML 28Page - ATMEL Corporation ATSAM3S Datasheet HTML 29Page - ATMEL Corporation ATSAM3S Datasheet HTML 30Page - ATMEL Corporation ATSAM3S Datasheet HTML 31Page - ATMEL Corporation ATSAM3S Datasheet HTML 32Page - ATMEL Corporation ATSAM3S Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
29
6500AS–ATARM–11-Dec-09
SAM3S Summary
7.7
Debug and Test Features
• Debug access to all memory and registers in the system, including Cortex-M3 register bank
when the core is running, halted, or held in reset.
• Serial Wire Debug Port (SW-DP) and Serial Wire JTAG Debug Port (SWJ-DP) debug access
• Flash Patch and Breakpoint (FPB) unit for implementing breakpoints and code patches
• Data Watchpoint and Trace (DWT) unit for implementing watchpoints, data tracing, and
system profiling
• Instrumentation Trace Macrocell (ITM) for support of printf style debugging
• IEEE1149.1 JTAG Boundary-can on All Digital Pins
UART0
Receive
x
x
USART1
Receive
x
x
USART0
Receive
x
x
ADC
Receive
x
x
SPI
Receive
x
x
SSC
Receive
x
x
HSMCI
Receive
x
N/A
PIOA
Receive
x
x
Table 7-4.
Peripheral DMA Controller (Continued)
Instance Name
Channel T/R
100 & 64 Pins
48 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com