Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22343 Datasheet (PDF) - Intersil Corporation

ISL22343 Datasheet PDF - Intersil Corporation
Part # ISL22343
Download  ISL22343 Download
File Size   703.12 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally Controlled Potentiometer XDCP

ISL22343 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22343 Datasheet PDF - Intersil Corporation

Part # ISL22343
Download  ISL22343 Click to download

File Size   703.12 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally Controlled Potentiometer XDCP

ISL22343 Datasheet (HTML) - Intersil Corporation


ISL22343 Product details

Low Noise, Low Power, I2C Bus, 256 Taps



The ISL22343 integrates four digitally controlled potentiometers (DCP), control logic and non-volatile memory on a monolithic CMOS integrated circuit.

The digitally controlled potentiometer is implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. The potentiometer has an associated volatile Wiper Register (WRi) and a non-volatile Initial Value Register (IVRi) that can be directly written to and read by the user. The contents of the WRi control the position of the corresponding wiper. At power up the device recalls the contents of the DCP’s IVRi to the correspondent WRi.



Features

• Four potentiometers in one package

• 256 resistor taps

• I2C serial interface

   - Three address pins, up to eight devices per bus

• Non-volatile EEPROM storage of wiper position

• 11 General Purpose non-volatile registers

• High reliability

   - Endurance: 1,000,000 data changes per bit per register

   - Register data retention: 50 years @ T 55°C

• Wiper resistance: 70 typical @ 1mA

• Standby current <4µA max

• Shutdown current <4µA max

• Dual power supply

   - VCC = 2.25V to 5.5V

   - V- = -2.25V to -5.5V

• 10k, 50k or 100k total resistance

• Extended industrial temperature range: -40°C to +125°C

• 20 Ld TSSOP or 20 Ld QFN

• Pb-free (RoHS compliant)



 




Similar Part No. - ISL22343

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22343 INTERSIL-ISL22343 Datasheet
738Kb / 19P
Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22343 RENESAS-ISL22343 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Intersil Corporation
ISL22343TFR20Z INTERSIL-ISL22343TFR20Z Datasheet
738Kb / 19P
Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22343TFR20Z RENESAS-ISL22343TFR20Z Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results


Similar Description - ISL22343

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
Quad Digitally-Controlled (XDCP) Potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
Quad Digitally Controlled Potentiometer (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
Quad Digitally-Controlled (XDCP?? Potentiometer
April 13, 2007
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
Quad Digitally Controlled Potentiometer XDCP
May 24, 2007
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
Quad Digitally Controlled Potentiometer XDCP
September 9, 2009
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
Digitally Controlled Potentiometer (XDCP??
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com