Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6232 Datasheet (PDF) - Intersil Corporation

ISL6232 Datasheet PDF - Intersil Corporation
Part # ISL6232
Download  ISL6232 Download
File Size   671.29 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficiency System Power Supply Controller for Notebook Computers

ISL6232 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6232 Datasheet PDF - Intersil Corporation

Part # ISL6232
Download  ISL6232 Click to download

File Size   671.29 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficiency System Power Supply Controller for Notebook Computers

ISL6232 Datasheet (HTML) - Intersil Corporation


ISL6232 Product details

Features

• Supply Voltage Range: 5.5V to 25V

• 3.3V and 5V Fixed or Adjustable Outputs from 0.8V to 5.5V

• 5V, 3.3V/100mA Always Linear Regulators

• Out of Phase Operation Reduces the ESR Requirement of the Input Capacitors

• ±1.5% Output Voltage Accuracy over Temperature

• Fixed 300kHz Current Mode Control Architecture

• Accurate Current Sensing or DCR Current Sensing

• Internal Soft-Start and Soft-Stop Output Discharge

• Selectable Power-up Sequence

• Selectable Forced PWM, Pulse Skipping, and Ultrasonic Pulse Skipping Mode (25kHz min)

• Peak Overcurrent Limit Prevents Inductor Saturation

• Overvoltage Protection, Undervoltage Shutdown

• Power Good Output

• Thermal shutdown

•5µA Shutdown Current

• Integrated Bootstrap Schottky Diodes

• 3.5mW Quiescent Power Dissipation

• Pb-Free Available (RoHS Compliant)




Similar Part No. - ISL6232

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL6232CAZA RENESAS-ISL6232CAZA Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL6232CAZA-T RENESAS-ISL6232CAZA-T Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
More results


Similar Description - ISL6232

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com