Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6322G Datasheet (PDF) - Intersil Corporation

ISL6322G Datasheet PDF - Intersil Corporation
Part # ISL6322G
Download  ISL6322G Download
File Size   638.57 Kbytes
Page   39 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping

ISL6322G Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6322G Datasheet PDF - Intersil Corporation

Part # ISL6322G
Download  ISL6322G Click to download

File Size   638.57 Kbytes
Page   39 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping

ISL6322G Datasheet (HTML) - Intersil Corporation


ISL6322G Product details

The ISL6322G two-phase PWM control IC provides a precision voltage regulation system for advanced microprocessors and memory. The integration of power MOSFET drivers into the controller IC marks a departure from the separate PWM controller and driver configuration of previous multiphase product families. By reducing the number of external parts, this integration is optimized for a cost and space saving power management solution.



Features

• Integrated Multiphase Power Conversion

- 2-Phase or 1-Phase Operation with Internal Drivers

• Phase Dropping for Higher Efficiency at Low Output Current Loads

• Precision Core Voltage Regulation

- Differential Remote Voltage Sensing

- ±0.5% System Accuracy Over-Temperature

- Adjustable Reference-Voltage Offset

• Optimal Transient Response

- Active Pulse Positioning (APP) Modulation

- Adaptive Phase Alignment (APA)

• Fully Differential, Continuous DCR Current Sensing

- Precision Channel-Current Balancing

• I2C Interface

- Phase Dropping

- Voltage Margining Offset

- Switching Frequency Adjustment

- Overvoltage Protection Level Adjustment

- Selects Adaptive Dead Time Scheme

• User Selectable I2C “Slave Only” Device Address: 1000_110x or 1000_111x

• User Selectable Adaptive Dead Time Scheme

- PHASE Detect or LGATE Detect for Application Flexibility

• Variable Gate Drive Bias: 5V to 12V

• Multi-Processor Compatible

- Intel VR10 and VR11 Modes of Operation

- AMD Mode of Operation

• Microprocessor Voltage Identification Inputs

- 8-bit DAC

- Selectable between Intel’s Extended VR10, VR11, AMD 5-bit, and AMD 6-bit DAC Tables

- Dynamic VID Technology

• Maximum Allowable Output Voltage of 1.6V

• Overcurrent Protection

• Multi-Tiered Overvoltage Protection

• Digital Soft-Start

• Selectable Operation Frequency up to 1.5MHz Per Phase

• Pb-Free (RoHS Compliant)



 




Similar Part No. - ISL6322G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
ISL6322GCRZ RENESAS-ISL6322GCRZ Datasheet
1Mb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
ISL6322GIRZ RENESAS-ISL6322GIRZ Datasheet
1Mb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
More results


Similar Description - ISL6322G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
February 10, 2006
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
July 28, 2008
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com