Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5173 Datasheet (PDF) - Intersil Corporation

EL5173 Datasheet PDF - Intersil Corporation
Part # EL5173
Download  EL5173 Download
File Size   461.68 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 450MHz Differential Twisted-Pair Drivers

EL5173 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5173 Datasheet PDF - Intersil Corporation

Part # EL5173
Download  EL5173 Click to download

File Size   461.68 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 450MHz Differential Twisted-Pair Drivers

EL5173 Datasheet (HTML) - Intersil Corporation


EL5173 Product details

The EL5173 and EL5373 are single and triple high bandwidth amplifiers with a fixed gain of 2. They are primarily targeted for applications such as driving twisted-pair lines in component video applications. The inputs can be in either single-ended or differential form but the outputs are always in differential form.

The output common mode level for each channel is set by the associated REF pin, which have a -3dB bandwidth of over 190MHz. Generally, these pins are grounded but can be tied to any voltage reference.



Features

• Fully differential inputs and outputs

• Differential input range ±2.3V

• 450MHz 3dB bandwidth at fixed gain of 2

• 900V/µs slew rate (EL5173)

• 1100V/µs slew rate (EL5373)

• Single 5V or dual ±5V supplies

• 40mA maximum output current

• Low power - 12mA per channel

• Pb-free available (RoHS compliant)



Applications

• Twisted-pair drivers

• Differential line drivers

• VGA over twisted-pairs

• ADSL/HDSL drivers

• Single ended to differential amplification

• Transmission of analog signals in a noisy environment



 




Similar Part No. - EL5173

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173 INTERSIL-EL5173 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5173 INTERSIL-EL5173 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173IS INTERSIL-EL5173IS Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5173IS INTERSIL-EL5173IS Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
More results


Similar Description - EL5173

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
100MHz Differential Twisted-Pair Drivers
April 24, 2006
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
250MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com