Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97656 Datasheet (PDF) - Intersil Corporation

ISL97656 Datasheet PDF - Intersil Corporation
Part # ISL97656
Download  ISL97656 Download
File Size   428.49 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated 4A Switch PWM Step-Up Regulator

ISL97656 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97656 Datasheet PDF - Intersil Corporation

Part # ISL97656
Download  ISL97656 Click to download

File Size   428.49 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated 4A Switch PWM Step-Up Regulator

ISL97656 Datasheet (HTML) - Intersil Corporation


ISL97656 Product details

Integrated 4A Switch PWM Step-Up Regulator

The ISL97656 is a high frequency, high efficiency step-up voltage regulator operated at constant frequency PWM mode. With an internal 4.0A, 120mΩ MOSFET, it can deliver up to 2A output current at over 90% efficiency. The selectable 640kHz and 1.2MHz allows smaller inductors and faster transient response. An external compensation pin gives the user greater flexibility in setting frequency compensation allowing the use of low ESR Ceramic output capacitors.

Features
• >90% Efficiency
• 4.0A, 120mΩ Power MOSFET
• 2.3V to 6.0V Input
• Up to 24V Output
• 640kHz/1.2MHz Switching Frequency Selection
• Adjustable Soft-Start
• Internal Thermal Protection
• 0.8mm Max Height 10 Ld TDFN Package
• Pb-Free (RoHS Compliant)
• Halogen Free

Applications
• TFT-LCD Displays
• DSL Modems
• PCMCIA Cards
• Digital Cameras
• GSM/CDMA Phones
• Portable Equipment
• Handheld Devices




Similar Part No. - ISL97656

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
ISL97656IRTZ RENESAS-ISL97656IRTZ Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
More results


Similar Description - ISL97656

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
March 4, 2005
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
August 27, 2010
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Linear Technology
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
1.8V Input PWM Step-Up Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com