Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97656IRTZ Datasheet (PDF) - Renesas Technology Corp

ISL97656IRTZ Datasheet PDF - Renesas Technology Corp
Part # ISL97656IRTZ
Download  ISL97656IRTZ Download
File Size   617.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Step-Up Regulator with 4A Integrated Switch

ISL97656IRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97656IRTZ Datasheet PDF - Renesas Technology Corp

Part # ISL97656IRTZ
Download  ISL97656IRTZ Click to download

File Size   617.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Step-Up Regulator with 4A Integrated Switch

ISL97656IRTZ Datasheet (HTML) - Renesas Technology Corp


ISL97656IRTZ Product details

Step-Up Regulator with 4A Integrated Switch

The ISL97656 is a high frequency, high efficiency current mode control non-synchronous step-up voltage regulator operated at constant PMW switching frequency. It has an internal 4.0A, 120mΩ Low side MOSFET and can deliver high output current and efficiency over 90%. The selectable 640kHz and 1.22MHz switching frequency allows use of smaller inductor and faster transient response. An external compensation pin gives the user flexibility in setting frequency compensation allowing the use of low ESR ceramic output capacitors.

Features
• 4.0A, Low rDS(ON) Integrated Low Side MOSFET
• +2.2V to +6.0V Operating Input Voltage Range
• +1.1*VIN to +24V Output Voltage Range
• 640kHz or 1.22MHz Switching Frequency
• Higher Efficiency and Better Thermal Performance
• Adjustable Soft-Start
• Internal Thermal Protection
• 0.8mm Maximum Height 10 Ld TDFN Package
• Pb-Free (RoHS Compliant)
• Halogen Free

Applications
• Portable Equipment, Digital Cameras
• TFT-LCD Displays, DSL Modems
• PCMCIA Cards, GSM/CDMA Phones




Similar Part No. - ISL97656IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97656IRTZ INTERSIL-ISL97656IRTZ Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
ISL97656IRTZ-T INTERSIL-ISL97656IRTZ-T Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
ISL97656IRTZ-TK INTERSIL-ISL97656IRTZ-TK Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
More results


Similar Description - ISL97656IRTZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Monolithic Power System...
MP3212 MPS-MP3212 Datasheet
563Kb / 11P
1.3A, 1MHz Step-up Regulator with Integrated Input Disconnect Switch
logo
Linear Technology
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
Automotive Boost Regulator with 4A Integrated Switch
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com