Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97656IRTZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL97656IRTZ
Description  Step-Up Regulator with 4A Integrated Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97656IRTZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL97656IRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL97656
FN6439 Rev 6.00
Page 4 of 9
July 19, 2012
Performance Curves
FIGURE 2. VOUT = 5V EFFICIENCY
FIGURE 3. VOUT = 5V EFFICIENCY
FIGURE 4. VOUT = 9V EFFICIENCY
FIGURE 5. VOUT = 9V EFFICIENCY
FIGURE 6. VOUT = 12.3V EFFICIENCY
FIGURE 7. VOUT = 12.3V EFFICIENCY
85
86
87
88
89
90
91
92
93
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
LOAD (A)
VIN = 3.0V
VIN = 3.3V
VIN = 4.5V
VIN = 3.7V
VIN = 4.0V
VOUT = 5V, fSW = 640kHz
85
86
87
88
89
90
91
92
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
LOAD (A)
VOUT = 5V, fSW = 1220kHz
VIN = 3.0V
VIN = 3.3V
VIN = 4.5V
VIN = 3.7V
VIN = 4.0V
79
81
83
85
87
89
91
93
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD (A)
fSW = 1220kHz
fSW = 640kHz
VIN = 3.3V, VOUT = 9V
90
91
92
93
94
0
0.2
0.4
0.6
0.8
1.0
1.2
LOAD (A)
VIN = 5V, VOUT = 9V
fSW = 1220kHz
fSW = 640kHz
82
83
84
85
86
87
88
89
90
91
92
93
94
95
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
LOAD (A)
fSW = 1220kHz
fSW = 640kHz
VIN = 5V, VOUT = 12.3V
76
78
80
82
84
86
88
90
92
94
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
LOAD (A)
fSW = 1220kHz
fSW = 640kHz
VIN = 3.3V, VOUT = 12.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com