Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97656IRTZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL97656IRTZ
Description  Step-Up Regulator with 4A Integrated Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97656IRTZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL97656IRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL97656IRTZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN6439 Rev 6.00
Page 1 of 9
July 19, 2012
FN6439
Rev 6.00
July 19, 2012
ISL97656
Step-Up Regulator with 4A Integrated Switch
DATASHEET
The ISL97656 is a high frequency, high efficiency current
mode control non-synchronous step-up voltage regulator
operated at constant PMW switching frequency. It has an
internal 4.0A, 120mΩ Low side MOSFET and can deliver high
output current and efficiency over 90%. The selectable 640kHz
and 1.22MHz switching frequency allows use of smaller
inductor and faster transient response. An external
compensation pin gives the user flexibility in setting frequency
compensation allowing the use of low ESR ceramic output
capacitors.
When in shut down mode, ISL97656 draws current <1µA and
can operate at as low as 2.2V input. These features along with
higher switching frequency allows use of tiny external
components and makes it an ideal device for portable
equipment and TFT-LCD displays.
The ISL97656 is available in a 10 Ld TDFN package with a
maximum height of 1.1mm. The device is specified for
operation over the full -40°C to +85°C temperature range.
Features
•4.0A, Low rDS(ON) Integrated Low Side MOSFET
• +2.2V to +6.0V Operating Input Voltage Range
• +1.1*VIN to +24V Output Voltage Range
• 640kHz or 1.22MHz Switching Frequency
• Higher Efficiency and Better Thermal Performance
• Adjustable Soft-Start
• Internal Thermal Protection
• 0.8mm Maximum Height 10 Ld TDFN Package
• Pb-Free (RoHS Compliant)
•Halogen Free
Applications
• Portable Equipment, Digital Cameras
• TFT-LCD Displays, DSL Modems
• PCMCIA Cards, GSM/CDMA Phones
Pin Configuration
ISL97656
(10 LD TDFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97656IRTZ
656Z
10 Ld TDFN
L10.3x3B
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for ISL97656. For more information on MSL please see
techbrief TB363.
2
3
4
1
9
8
7
10
COMP
FB
EN
GND
SS
FREQ
VIN
LX
5
6
LX
GND
FIGURE 1. TYPICAL APPLICATION CIRCUIT
1
2
3
4
10
9
8
7
COMP
FB
EN
GND
SS
FREQ
VIN
LX
5 GND
6
LX
12V
2.2V TO 6V
INPUT
OUTPUT
D1
C2
22µF
C3
27nF
C4
0.1µF
C3
22µF
10µH
C5
4.7nF
R3
3.9k
R1 86.6k
R2
10k


Similar Part No. - ISL97656IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97656IRTZ INTERSIL-ISL97656IRTZ Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
ISL97656IRTZ-T INTERSIL-ISL97656IRTZ-T Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
ISL97656IRTZ-TK INTERSIL-ISL97656IRTZ-TK Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
More results

Similar Description - ISL97656IRTZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Monolithic Power System...
MP3212 MPS-MP3212 Datasheet
563Kb / 11P
1.3A, 1MHz Step-up Regulator with Integrated Input Disconnect Switch
logo
Linear Technology
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
Automotive Boost Regulator with 4A Integrated Switch
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com