Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8484 Datasheet (PDF) - Intersil Corporation

ISL8484 Datasheet PDF - Intersil Corporation
Part # ISL8484
Download  ISL8484 Download
File Size   323.72 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch

ISL8484 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8484 Datasheet PDF - Intersil Corporation

Part # ISL8484
Download  ISL8484 Click to download

File Size   323.72 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch

ISL8484 Datasheet (HTML) - Intersil Corporation


ISL8484 Product details

Ultra Low ON-Resistance, +1.65V to +4.5V, Single Supply, Dual SPDT Analog Switch

The Intersil ISL8484 device is a low ON-resistance, low voltage, bidirectional, dual single-pole/double-throw (SPDT) analog switch designed to operate from a single +1.65V to +4.5V supply. Targeted applications include battery powered equipment that benefit from low rON (0.29Ω) and fast switching speeds (tON = 40ns, tOFF = 20ns). The digital logic input is 1.8V logic-compatible when using a single +3V supply.

Features
• Pin Compatible Replacement for the MAX4684 and MAX4685
• ON-Resistance (rON)
    - V+ = +4.3V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.29Ω
    - V+ = +3.0V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.33Ω
    - V+ = +1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.55Ω
• rON Matching Between Channels . . . . . . . . . . . . . . . . . 0.06Ω
• rON Flatness Across Signal Range . . . . . . . . . . . . . . . . 0.03Ω
• Single Supply Operation . . . . . . . . . . . . . . . +1.65V to +4.5V
• Low Power Consumption (PD). . . . . . . . . . . . . . . <0.45µW
• Fast Switching Action (V+ = +4.3V)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>8kV
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 10 Ld 3x3 TDFN and 10 Ld MSOP
• Pb-Free Available (RoHS Compliant)

Applications
• Battery-powered, Handheld, and Portable Equipment
    - Cellular/mobile Phones
    - Pagers
    - Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching




Similar Part No. - ISL8484

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484 Datasheet
326Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
September 13, 2006
ISL8484 INTERSIL-ISL8484 Datasheet
330Kb / 15P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484 Datasheet
320Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
More results


Similar Description - ISL8484

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
January 27, 2005
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
September 13, 2006
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
June 11, 2007
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
August 15, 2007
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com