Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7513 Datasheet (PDF) - Intersil Corporation

EL7513 Datasheet PDF - Intersil Corporation
Part # EL7513
Download  EL7513 Download
File Size   321.19 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description White LED Step-Up Regulator

EL7513 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7513 Datasheet PDF - Intersil Corporation

Part # EL7513
Download  EL7513 Click to download

File Size   321.19 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description White LED Step-Up Regulator

EL7513 Datasheet (HTML) - Intersil Corporation


EL7513 Product details

White LED Step-Up Regulator

The EL7513 is a constant current boost regulator specially designed for driving white LEDs. It can drive 4 LEDs in series or up to 12 LEDs in parallel/series configuration and achieves efficiency up to 91%.

Features
• 2.6V to 13.2V input voltage
• 18V maximum output voltage
• Drives up to 12 LEDs
• 1MHz switching frequency
• Up to 91% efficiency
• 1µA maximum shut-down current
• Dimming control
• 8 Ld TSOT and 8 Ld MSOP packages
• Pb-free plus anneal available (RoHS compliant)

Applications
• PDAs
• Cellular phones
• Digital cameras
• White LED backlighting




Similar Part No. - EL7513

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
White LED Step-Up Regulator
logo
Intersil Corporation
EL7513IWT-T7 INTERSIL-EL7513IWT-T7 Datasheet
534Kb / 12P
White LED Step-Up Regulator
March 14, 2006
logo
Renesas Technology Corp
EL7513IWT-T7 RENESAS-EL7513IWT-T7 Datasheet
642Kb / 12P
White LED Step-Up Regulator
logo
Intersil Corporation
EL7513IWT-T7A INTERSIL-EL7513IWT-T7A Datasheet
534Kb / 12P
White LED Step-Up Regulator
March 14, 2006
logo
Renesas Technology Corp
EL7513IWT-T7A RENESAS-EL7513IWT-T7A Datasheet
642Kb / 12P
White LED Step-Up Regulator
More results


Similar Description - EL7513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Intersil Corporation
EL1848 INTERSIL-EL1848 Datasheet
482Kb / 12P
White LED Step-Up Regulator
March 31, 2004
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
White LED Step-Up Regulator
March 14, 2006
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
White LED Step-Up Regulator
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
White LED Step-Up Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com