Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7242 Datasheet (PDF) - Intersil Corporation

EL7242 Datasheet PDF - Intersil Corporation
Part # EL7242
Download  EL7242 Download
File Size   203.56 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Input, High Speed, Dual Channel Power MOSFET Driver

EL7242 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7242 Datasheet PDF - Intersil Corporation

Part # EL7242
Download  EL7242 Click to download

File Size   203.56 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Input, High Speed, Dual Channel Power MOSFET Driver

EL7242 Datasheet (HTML) - Intersil Corporation


EL7242 Product details

The EL7242/EL7252 dual input, 2-channel drivers achieve the same excellent switching performance of the EL7212 family while providing added flexibility. The 2-input logic and configuration is applicable to numerous power MOSFET drive circuits. As with other Intersil drivers, the EL7242/EL7252 are excellent for driving large capacitive loads with minimal delay and switching times. “Shoot-thru” protection and latching circuits can be implemented by simply “cross-coupling” the 2-channels.

Features
• Logic AND/NAND input
• 3V and 5V Input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
• 2A Peak drive
• Isolated drains
• Low output impedance
• Low quiescent current
• Wide operating voltage — 4.5V to 16V
• Pb-free available (RoHS compliant)

Applications
• Short circuit protected switching
• Undervoltage shut-down circuits
• Switch-mode power supplies
• Motor controls
• Power MOSFET switching
• Switching capacitive loads
• Shoot-thru protection
• Latching drivers




Similar Part No. - EL7242

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CN ELANTEC-EL7242CN Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CN INTERSIL-EL7242CN Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
More results


Similar Description - EL7242

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com