Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7243 Datasheet (PDF) - Intersil Corporation

EL7243 Datasheet PDF - Intersil Corporation
Part # EL7243
Download  EL7243 Download
File Size   129.24 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Input, High Speed, Dual Channel CCD Driver

EL7243 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7243 Datasheet PDF - Intersil Corporation

Part # EL7243
Download  EL7243 Click to download

File Size   129.24 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Input, High Speed, Dual Channel CCD Driver

EL7243 Datasheet (HTML) - Intersil Corporation


EL7243 Product details

General Description
The EL7243C dual input, 2-channel driver achieves the same excellent switching performance of the EL7212 family while providing added flexibility. The power package makes this part extremely well suited for high frequency and heavy loads as in CCD applications. The 2-input logic and configuration is applicable to numerous power MOSFET drive circuits. As with other Elantec drivers, the EL7243C is excellent for driving large capacitive loads with minimal delay and switching times. ‘‘Shoot-thru’’ protection and latching circuits can be implemented by simply ‘‘cross-coupling’’ the 2-channels.

Features
• Logic AND/NAND input
• 3V and 5V Input compatible
• Clocking speeds up to 20 MHz
• 20 ns Switching/delay time
• 2A Peak drive
• Isolated drains
• Low output impedance
• Low quiescent current
• Wide operating voltage— 4.5V–16V

Applications
• CCD Drivers
• Short circuit protected switching
• Under-voltage shut-down circuits
• Switch-mode power supplies
• Motor controls
• Power MOSFET switching
• Switching capacitive loads
• Shoot-thru protection
• Latching drivers




Similar Part No. - EL7243

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7243 ELANTEC-EL7243 Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
EL7243CM ELANTEC-EL7243CM Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243CM RENESAS-EL7243CM Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results


Similar Description - EL7243

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
High-Speed Dual Precision CCD Driver
September 23, 2009
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
July 29, 2009
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com