Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7243 Datasheet (PDF) - Elantec Semiconductor

EL7243 Datasheet PDF - Elantec Semiconductor
Part # EL7243
Download  EL7243 Download
File Size   221.68 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual Input, High Speed, Dual Channel CCD Driver

EL7243 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7243 Datasheet PDF - Elantec Semiconductor

Part # EL7243
Download  EL7243 Click to download

File Size   221.68 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual Input, High Speed, Dual Channel CCD Driver

EL7243 Datasheet (HTML) - Elantec Semiconductor


EL7243 Product details

General Description
The EL7243C dual input, 2-channel driver achieves the same excellent switching performance of the EL7212 family while providing added flexibility. The power package makes this part extremely well suited for high frequency and heavy loads as in CCD applications. The 2-input logic and configuration is applicable to numerous power MOSFET drive circuits. As with other Elantec drivers, the EL7243C is excellent for driving large capacitive loads with minimal delay and switching times. ‘‘Shoot-thru’’ protection and latching circuits can be implemented by simply ‘‘cross-coupling’’ the 2-channels.

Features
• Logic AND/NAND input
• 3V and 5V Input compatible
• Clocking speeds up to 20 MHz
• 20 ns Switching/delay time
• 2A Peak drive
• Isolated drains
• Low output impedance
• Low quiescent current
• Wide operating voltage— 4.5V–16V

Applications
• CCD Drivers
• Short circuit protected switching
• Under-voltage shut-down circuits
• Switch-mode power supplies
• Motor controls
• Power MOSFET switching
• Switching capacitive loads
• Shoot-thru protection
• Latching drivers




Similar Part No. - EL7243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243CM INTERSIL-EL7243CM Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
logo
Renesas Technology Corp
EL7243CM RENESAS-EL7243CM Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243CM-T13 INTERSIL-EL7243CM-T13 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
More results


Similar Description - EL7243

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
High-Speed Dual Precision CCD Driver
September 23, 2009
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
July 29, 2009
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com