Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29000 Datasheet (PDF) - Intersil Corporation

ISL29000 Datasheet PDF - Intersil Corporation
Part # ISL29000
Download  ISL29000 Download
File Size   157.71 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ambient Light Photo Detect IC

ISL29000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29000 Datasheet PDF - Intersil Corporation

Part # ISL29000
Download  ISL29000 Click to download

File Size   157.71 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ambient Light Photo Detect IC

ISL29000 Datasheet (HTML) - Intersil Corporation


ISL29000 Product details

Ambient Light Photo Detect IC

The ISL29000 is a light-to-current optical sensor combining a photodiode and a current amplifier on a single monolithic IC. Output current is directly proportionate to the light intensity on the photodiode. Its sensitivity is superior to that of a phototransistor and exhibits little variation. Its spectral sensitivity matches closely to the luminous efficiency and linearity.

Features
• Monolithic IC containing photodiode and amplifier
• Converts light intensity to current
• 2.5V to 5.5V supply range
• Low supply current: 1µA
• Excellent output linearity of luminance
• Ultra-compact and light surface mount package
• Pb-free package (RoHS compliant)

Applications
• Mobile phones
• Notebook PCs
• PDAs
• Video cameras
• Digital cameras




Similar Part No. - ISL29000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
Ambient Light Photo Detect IC
February 9, 2007
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ-T7 INTERSIL-ISL29000IROZ-T7 Datasheet
158Kb / 7P
Ambient Light Photo Detect IC
February 9, 2007
logo
Renesas Technology Corp
ISL29000IROZ-T7 RENESAS-ISL29000IROZ-T7 Datasheet
410Kb / 7P
Ambient Light Photo Detect IC
More results


Similar Description - ISL29000

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
Ambient Light Photo Detect IC
February 9, 2007
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
Ambient Light Photo Detect IC
February 6, 2007
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
September 21, 2010
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
July 1, 2008
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
Ambient Light Photo Detect IC
September 18, 2009
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
EL7900 RENESAS-EL7900 Datasheet
448Kb / 8P
Ambient Light Photo Detect IC
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
Ambient Light Photo Detect IC
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com