Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS9-139RH/PROTO Datasheet (PDF) - Intersil Corporation

HS9-139RH/PROTO Datasheet PDF - Intersil Corporation
Part # HS9-139RH/PROTO
Download  HS9-139RH/PROTO Download
File Size   105.36 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Voltage Comparator

HS9-139RH/PROTO Datasheet (PDF)

Go To PDF Page Download Datasheet
HS9-139RH/PROTO Datasheet PDF - Intersil Corporation

Part # HS9-139RH/PROTO
Download  HS9-139RH/PROTO Click to download

File Size   105.36 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad Voltage Comparator

HS9-139RH/PROTO Datasheet (HTML) - Intersil Corporation


HS9-139RH/PROTO Product details

The Radiation Hardened HS-139RH, HS-139EH consists of four independent single or dual supply voltage comparators on a single monolithic substrate. The common mode input voltage range includes ground, even when operated from a single supply and the low supply current makes these comparators suitable for low power applications. These types were designed to directly interface with TTL and CMOS.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• Radiation Environment
    - Latch-up Free Under any Conditions
    - Total Dose (Max). . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU LET Threshold . . . . . . . . . . . . . . . . . . . 20MeV/cm2/mg
    - Low Dose Rate Effects Immunity
• 100V Output Voltage Withstand Capability
• ESD Protection to >3000V
• Differential Input Voltage Range Equal to the Supply Voltage
• Input Offset Voltage (VIO) . . . . . . . . . . . . . . . . . . . . 2mV (Max)
• Quiescent Supply Current . . . . . . . . . . . . . . . . . . . . 2mA (Max)
• Pb-Free (RoHS Compliant)

Applications
• Pulse Generators
• Timing Circuitry
• Level Shifting
• Analog-to-Digital Conversion




Similar Part No. - HS9-139RH/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-139RH/PROTO INTERSIL-HS9-139RH/PROTO Datasheet
134Kb / 2P
Radiation Hardened Quad Voltage Comparator
December 22, 2004
logo
Renesas Technology Corp
HS9-139RH/PROTO RENESAS-HS9-139RH/PROTO Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
HS9-139RH/PROTO RENESAS-HS9-139RH/PROTO Datasheet
570Kb / 7P
Radiation Hardened Quad Voltage Comparator
May 5, 2025
More results


Similar Description - HS9-139RH/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HCTS85MS INTERSIL-HCTS85MS Datasheet
214Kb / 10P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
Radiation Hardened Quad Voltage Comparator
1999 07
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
Radiation Hardened Quad Voltage Comparator
December 22, 2004
HCTS85MS INTERSIL-HCTS85MS_02 Datasheet
279Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
HS-139EH INTERSIL-HS-139EH Datasheet
181Kb / 3P
Radiation Hardened Quad Voltage Comparator
July 12, 2012
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
Radiation Hardened 4-Bit Magnitude Comparator
September 1995
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com