Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC273D Datasheet (PDF) - NXP Semiconductors

74AHC273D Datasheet PDF - NXP Semiconductors
Part # 74AHC273D
Download  74AHC273D Download
File Size   111.9 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal D-type flip-flop with reset; positive-edge trigger

74AHC273D Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC273D Datasheet PDF - NXP Semiconductors

Part # 74AHC273D
Download  74AHC273D Click to download

File Size   111.9 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal D-type flip-flop with reset; positive-edge trigger

74AHC273D Datasheet (HTML) - NXP Semiconductors


74AHC273D Product details

General description
The 74AHC273; 74AHCT273 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A.
The 74AHC273; 74AHCT273 has eight edge-triggered, D-type flip-flops with individual D inputs and Q outputs.
The common clock (CP) and master reset (MR) inputs, load and reset (clear) all flip-flops simultaneously.
The state of each D input, one set-up time before the LOW-to-HIGH clock transition, is transferred to the corresponding output (Qn) of the flip-flop.
All outputs will be forced LOW, independent of clock or data inputs, by a LOW on the MR input.
The device is useful for applications where only the true output is required and the clock and master reset are common to all storage elements.

Features
■ Balanced propagation delays
■ All inputs have Schmitt-trigger actions
■ Inputs accept voltages higher than VCC
■ Ideal buffer for MOS microcontroller or memory
■ Common clock and master reset
■ Related product versions:
   ◆ 74AHC377; 74AHCT377 for clock enable version
   ◆ 74AHC373; 74AHCT373 for transparent latch version
   ◆ 74AHC374; 74AHCT374 for 3-state version
■ Input levels:
   ◆ For 74AHC273: CMOS level
   ◆ For 74AHCT273: TTL level
■ ESD protection:
   ◆ HBM EIA/JESD22-A114E exceeds 2000 V
   ◆ MM EIA/JESD22-A115-A exceeds 200 V
   ◆ CDM EIA/JESD22-C101C exceeds 1000 V
■ Multiple package options
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C




Similar Part No. - 74AHC273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273D PHILIPS-74AHC273D Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74AHC273D NEXPERIA-74AHC273D Datasheet
270Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4 - 23 September 2020
74AHC273D-Q100 NEXPERIA-74AHC273D-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
More results


Similar Description - 74AHC273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com