Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB7010 Datasheet (PDF) - 3M Electronics

AB7010 Datasheet PDF - 3M Electronics
Part # AB7010
Download  AB7010 Download
File Size   67.71 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description EMI Absorber

AB7010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AB7010 Datasheet PDF - 3M Electronics

Part # AB7010
Download  AB7010 Click to download

File Size   67.71 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description EMI Absorber

AB7010 Datasheet (HTML) - 3M Electronics


AB7010 Product details

Description
3M™ EMI Absorber AB7000 Series consists of a flexible polymer resin loaded with soft metal flakes. An acrylic pressure-sensitive adhesive allows for easy application. • Flexible, high permeability magnetic sheets • One-sided acrylic pressure-sensitive adhesive • Easily die cut into complex shapes Agency Approvals & Self Certifications RoHS 2002/95/EC RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2002/618/EC, unless the substance is in an application that is exempt under RoHS. This information represents 3M’s knowledge and belief, which may be based in whole or in part on information provided by third party suppliers to 3M.

Applications
■ AB7000 absorber is typically used for applications requiring EMI control and signal integrity improvement in the 50MHz to 10 GHz range. It is a broadband EMI absorber designed to work in near-field applications inside and around electronic devices and assemblies. Common applications include reduction of noise and crosstalk inside mobile electronics, reduction of crosstalk and EMI on ribbon cables and flex cables, reduction of radiated IC noise (applying absorber directly to the noisy IC), damping of radiation and oscillations inside shields and cavities, and increasing signal integrity on high speed data lines through crosstalk reduction. Attenuation and Power Loss Many factors determine the true attenuation of an electromagnetic interference absorbing material, including shape and thickness, intimacy of substrate contact, smoothness of application surface, strength and frequency of the EMI signal, etc. Since AB7000 absorber is a near field absorber, attenuation characteristics tend to be very application specific. Power loss characteristics are measured using a 5cm x 5cm square of AB7000 placed on a 50Ω microstrip line. The attenuation and noise dampening attained generally increases as the thickness of the material increases. Typical Properties Not for specifications. Values are typical, not to be considered minimum or maximum. Properties measured at room temperature 73°F (~23°C ) unless otherwise stated. Physical Property (Test Method) Typical Value Adhesive Acrylic non-conductive pressure-sensitive adhesive (PSA) Type of Backing Polymer resin with magnetic metal flake filler Product Number AB7010 AB7020 AB7030 AB7050 Backing Thickness 0.10mm 0.20mm 0.30mm 0.50mm Adhesive Thickness 0.03mm 0.05mm 0.05mm 0.05mm Standard packaging 210mm x 297mm Temperature Range -25° to 85° C Surface resistivity (ASTM-257) 1x10 6Ω(min) Initial Permeability1 110 Typical Performance2 Refer to S11 attenuation and power loss graphs Notes: 1. This value measured at 1MHz 3M TM K RD-EMC-AB-02. 2. Attenuation is measured by 7mm coaxial verification kit under short fixed condition. Power loss is measured by a 50Ω microstrip line method. 3M TM K-RD-EMC-AB-01




Similar Part No. - AB7010

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AB7000HF 3M-AB7000HF Datasheet
68Kb / 2P
3M??AB7000HF
2009
logo
NHP Electrical Engineer...
AB7007 NHP-AB7007 Datasheet
384Kb / 1P
ANYBUS GATEWAY ETH/IP-M/BUS RTU
More results


Similar Description - AB7010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
32401 WURTH-32401 Datasheet
616Kb / 2P
Flexible absorber foil WE-FAS EMI
32403 WURTH-32403 Datasheet
617Kb / 2P
Flexible absorber foil WE-FAS EMI
324075 WURTH-324075 Datasheet
618Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
3M Electronics
AB-5000 3M-AB-5000 Datasheet
200Kb / 2P
EMI Absorber
AB6000 3M-AB6000 Datasheet
88Kb / 4P
EMI Absorber with Shielding
Oct-2008
1318125 3M-1318125 Datasheet
136Kb / 2P
EMI Absorber
AB5050 3M-AB5050 Datasheet
200Kb / 2P
EMI Absorber
AB5000SHF-SERIES 3M-AB5000SHF-SERIES Datasheet
394Kb / 4P
3M™ EMI Absorber AB5000SHF Series
Aug-2014
AB-5000S 3M-AB-5000S Datasheet
130Kb / 2P
EMI Absorber
2007
logo
Laird Tech Smart Techno...
NS1000HTRC LSTD-NS1000HTRC Datasheet
271Kb / 3P
EMI Noise Suppression Absorber
20221007
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com