Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-TE9 Datasheet (PDF) - SHIELD s.r.l.

MP-TE9 Datasheet PDF - SHIELD s.r.l.
Part # MP-TE9
Download  MP-TE9 Download
File Size   101.23 Kbytes
Page   2 Pages
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.
Description PVC, UL 300 V, shielded

MP-TE9 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP-TE9 Datasheet PDF - SHIELD s.r.l.

Part # MP-TE9
Download  MP-TE9 Click to download

File Size   101.23 Kbytes
Page   2 Pages
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.
Description PVC, UL 300 V, shielded

MP-TE9 Datasheet (HTML) - SHIELD s.r.l.




Similar Part No. - MP-TE9

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP-TB1-AB11 MULTICOMP-MP-TB1-AB11 Datasheet
218Kb / 1P
Toggle Switches
19/08/23 V1.0
MP-TB1-AP11 MULTICOMP-MP-TB1-AP11 Datasheet
218Kb / 1P
Toggle Switches
19/08/23 V1.0
More results


Similar Description - MP-TE9

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
PUR, halogen free, UL 300 V
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
PUR, pvc insulation, UL 600 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
PUR, halogen free, UL 300 V
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
PVC, UL 300 V
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
PVC, UL 300 V, cold resistant (- 40째C)
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
PVC, HAR-UL-CSA tri-norm, 600 V
logo
Eldeco Srl
CRV-3.81-R ELDECO-CRV-3.81-R Datasheet
304Kb / 1P
Standard : UL - IEC 300 - 250V 8A - 7A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com