Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9552PCBZ Datasheet (PDF) - Analog Devices

AD9552PCBZ Datasheet PDF - Analog Devices
Part # AD9552PCBZ
Download  AD9552PCBZ Download
File Size   494.59 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Oscillator Frequency Upconverter

AD9552PCBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9552PCBZ Datasheet PDF - Analog Devices

Part # AD9552PCBZ
Download  AD9552PCBZ Click to download

File Size   494.59 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Oscillator Frequency Upconverter

AD9552PCBZ Datasheet (HTML) - Analog Devices


AD9552PCBZ Product details

GENERAL DESCRIPTION
The AD9552 is a fractional-N phase locked loop (PLL) based clock generator designed specifically to replace high frequency crystal oscillators and resonators. The device employs a sigma-delta (Σ-Δ) modulator (SDM) to accommodate fractional frequency synthesis. The user supplies an input reference signal by connecting a single-ended clock signal directly to the REF pin or by connecting a crystal resonator across the XTAL pins.

FEATURES
   Converts a low frequency input reference signal to a high
      frequency output signal
   Input frequencies from 6.6 MHz to 112.5 MHz
   Output frequencies up to 900 MHz
   Preset pin programmable frequency translation ratios
   Arbitrary frequency translation ratios via SPI port
   On-chip VCO
   Accepts a crystal resonator and/or an external oscillator
      as a reference frequency source
   Secondary output (either integer-related to the primary
      output or a copy of the reference input)
   RMS jitter: <0.5 ps
   SPI-compatible, 3-wire programming interface
   Single supply (3.3 V)
   Very low power: <400 mW (under most conditions)
   Small package size (5 mm × 5 mm)

APPLICATIONS
   Cost effective replacement of high frequency VCXO, OCXO,
      and SAW resonators
   Extremely flexible frequency translation with low jitter for
      SONET/SDH (including FEC), 10 Gb Ethernet, Fibre
      Channel, and DRFI/DOCSIS
   High-definition video frequency translation
   Wireless infrastructure
   Test and measurement (including handheld devices)




Similar Part No. - AD9552PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9552 AD-AD9552 Datasheet
616Kb / 32P
Oscillator Frequency Upconverter
11/12-Rev. D to Rev. E
AD9552BCPZ AD-AD9552BCPZ Datasheet
616Kb / 32P
Oscillator Frequency Upconverter
11/12-Rev. D to Rev. E
AD9552BCPZ-REEL7 AD-AD9552BCPZ-REEL7 Datasheet
616Kb / 32P
Oscillator Frequency Upconverter
11/12-Rev. D to Rev. E
AD9552 AD-AD9552_12 Datasheet
616Kb / 32P
Oscillator Frequency Upconverter
11/12-Rev. D to Rev. E
More results


Similar Description - AD9552PCBZ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
157Kb / 21P
Digital UpConverter
1999 01
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
NEC
UPC2799 NEC-UPC2799 Datasheet
41Kb / 2P
SIMMIC 50-860 MHz FREQUENCY UPCONVERTER
logo
TriQuint Semiconductor
TGC2510-SM TRIQUINT-TGC2510-SM_15 Datasheet
919Kb / 23P
Ku-Band Upconverter
TGC4510-SM TRIQUINT-TGC4510-SM_15 Datasheet
1Mb / 28P
K Band Upconverter
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
Fixed Frequency Oscillator
logo
Analog Devices
AD9552 AD-AD9552_12 Datasheet
616Kb / 32P
Oscillator Frequency Upconverter
11/12-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com