Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP210 Datasheet (PDF) - Sanyo Semicon Device

ALP210 Datasheet PDF - Sanyo Semicon Device
Part # ALP210
Download  ALP210 Download
File Size   19.57 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Temperature Polysilicon 2.0-inch TFT LCD Module

ALP210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALP210 Datasheet PDF - Sanyo Semicon Device

Part # ALP210
Download  ALP210 Click to download

File Size   19.57 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Temperature Polysilicon 2.0-inch TFT LCD Module

ALP210 Datasheet (HTML) - Sanyo Semicon Device


ALP210 Product details

Overview
This 2.0-inch LCD module is a full-color active matrix module that uses low-temperature polysilicon thin-film transistors and includes built-in driver circuits for thin-frame mounting. The high-resolution and RGB delta dot arrangement is optimal for use in digital video cameras and digital still cameras.

Features and Functions
• Display size (diagonal) : 5.1cm (2.0 inches).
• Number of dots : 130,338 dots (557×234 dots).
• RGB delta arrangement.
• Operating ambient temperature : –10 to +60°C.
• Storage ambient temperature : –20 to +70°C.
• Compact design achieved with narrow frames and thin form factors.
• Support for scan reversal both horizontally and vertically.
• Level shifter circuit built in.
• Support for NTSC/PAL format by using the recommended IC (LV4126W).
• Anti-reflection (AR) coat.




Similar Part No. - ALP210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP228CAXA SANYO-ALP228CAXA Datasheet
675Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP228CGXC SANYO-ALP228CGXC Datasheet
641Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP228CXX SANYO-ALP228CXX Datasheet
650Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
logo
Kemet Corporation
ALP22A101BB450 KEMET-ALP22A101BB450 Datasheet
203Kb / 4P
Board Mounting or Solder Tag Terminations
ALP22A103CB040 KEMET-ALP22A103CB040 Datasheet
60Kb / 1P
Aluminum Electrolytic, 85C, ALP22, 0.01 F, 20%, 40 V, -40/85C
More results


Similar Description - ALP210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP228CGXC SANYO-ALP228CGXC Datasheet
641Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP230CCX SANYO-ALP230CCX Datasheet
647Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CXX SANYO-ALP230CXX Datasheet
643Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP237FAX SANYO-ALP237FAX Datasheet
674Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP239CCX SANYO-ALP239CCX Datasheet
646Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP239CGX SANYO-ALP239CGX Datasheet
643Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP239CXX SANYO-ALP239CXX Datasheet
641Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP027XXX SANYO-ALP027XXX Datasheet
43Kb / 6P
Low-Temperature Polysilicon 0.33-inch TFT LCD Module
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com