Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALP237FAX Datasheet (PDF) - Sanyo Semicon Device

ALP237FAX Datasheet PDF - Sanyo Semicon Device
Part # ALP237FAX
Download  ALP237FAX Download
File Size   674.95 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Temperature Polysilicon 1.8-inch TFT LCD Module

ALP237FAX Datasheet (PDF)

Go To PDF Page Download Datasheet
ALP237FAX Datasheet PDF - Sanyo Semicon Device

Part # ALP237FAX
Download  ALP237FAX Click to download

File Size   674.95 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Temperature Polysilicon 1.8-inch TFT LCD Module

ALP237FAX Datasheet (HTML) - Sanyo Semicon Device


ALP237FAX Product details

Overview
This wide viewing type 1.8 inch low temperature poly- silicon TFT-LCD module consists of LCD panel and backlight. This is suitable for digital still camera.

Features
• Diagonal 4.6cm (1.8inch) display size.
• 521 × 218 = 113,578 dots.
• RGB delta color arrangement.
• Wide viewing angle, Survival® . (Super Ranged Viewing by Vertical Alignment)
• Operating temperature (Panel) is -10 to +60°C. Ambient temperature during storage is -20 to +70°C.
• Slim design, light weight and narrow frame. (t=0.7mm glass)
• Builds in level shifter circuit.
• Up / down and right / left inverse function.
• Conform to NTSC, PAL when using recommended IC : LV4131W, LV4133W, (LV4139W : Under development).
• Anti-reflection (AR) coat.
• Builds in flat fluorescent lamp backlight unit. (Not contains inverter unit)
• Panel power consumption is Typ.100mW at NTSC. Back-light power consumption is 0.5W to 0.65W. (reference)
• Display surface luminance is typ 230cd/m2.




Similar Part No. - ALP237FAX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP237FXX SANYO-ALP237FXX Datasheet
648Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
More results


Similar Description - ALP237FAX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP210 SANYO-ALP210 Datasheet
19Kb / 2P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP228CAXA SANYO-ALP228CAXA Datasheet
675Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP228CGXC SANYO-ALP228CGXC Datasheet
641Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP228CXX SANYO-ALP228CXX Datasheet
650Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FCX SANYO-ALP234FCX Datasheet
645Kb / 8P
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP237FXX SANYO-ALP237FXX Datasheet
648Kb / 8P
Low-Temperature Polysilicon 1.8-inch TFT LCD Module
ALP239CXX SANYO-ALP239CXX Datasheet
641Kb / 8P
Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP027XXX SANYO-ALP027XXX Datasheet
43Kb / 6P
Low-Temperature Polysilicon 0.33-inch TFT LCD Module
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com