Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3SB60 Datasheet (PDF) - Shenzhen Ping Sheng Electronics Co., Ltd.

D3SB60 Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.
Part # D3SB60
Download  D3SB60 Download
File Size   346.3 Kbytes
Page   2 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description Single-phase Silicon Bridge Rectifier

D3SB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
D3SB60 Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # D3SB60
Download  D3SB60 Click to download

File Size   346.3 Kbytes
Page   2 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description Single-phase Silicon Bridge Rectifier

D3SB60 Datasheet (HTML) - Shenzhen Ping Sheng Electronics Co., Ltd.


D3SB60 Product details

Reverse Voltage 200 to 800 V

Forward Current 4.0A



Features

·Low reverse leakage

·High forward surge capability

·170 A Surge overload rating:170 Amperes peak



Mechanical Data

·Case: Molded Plastic

·Polarity: Symbols molded or marked on body

·Mounting Position: Any

·Weight:4.6 Grams




Similar Part No. - D3SB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
General Purpose Rectifiers(600V 4A)
logo
Shanghai Sunrise Electr...
D3SB60 SSE-D3SB60 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D3SB60 LRC-D3SB60 Datasheet
55Kb / 2P
4.0A BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
D3SB60 SECOS-D3SB60 Datasheet
478Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB60 DACHANG-D3SB60 Datasheet
136Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
More results


Similar Description - D3SB60

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com