Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3SB60 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # D3SB60
Description  Single-phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

D3SB60 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  D3SB60 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. D3SB60 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
特性曲线
Characteristic Curves
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
正向电流降额曲线
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1
10
0
40
80
120
160
0
2.0
4.0
1.0
3.0
+~
~-
P.C.B.
on glass-epoxi substrate
soldering land 5mmф
sine wave R-load
free in air
通过电流的周期
浪涌特性曲线(最大值)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
平均整流电流
I0[A]
FORWARD POWER DISSIPATION
AVERAGE RECGIFIED FORWARD
CURRENT Io(A)
功率损耗曲线
10
100
02
5
20
50
0
100
200
10mS
10mS
1 Cycle
non-repetitive
Tj=25℃ before
0
2
4
6
10
12
14
5
0
Sine wave
Tj=150℃
16
27
34
8
环境温度 TC(
°C)
FORWARD CURRENT DERATING CURVE
Case Temperature Tc(℃)
正向电流降额曲线
0
40
80
120
160
0
3.0
6.0
1.5
4.5
+~
~
-
Tc-sensing point
sine wave R-load
with heatsink
Tc
Pulse measurement
per diode
Tl=150℃
Tl=25℃
D3SB20...... D3SB80
Web: www.ps-pfs.com http://ps-pfs.en.alibaba.com/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com