Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8686 Datasheet (PDF) - Maxim Integrated Products

MAX8686 Datasheet PDF - Maxim Integrated Products
Part # MAX8686
Download  MAX8686 Download
File Size   416.42 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase

MAX8686 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8686 Datasheet PDF - Maxim Integrated Products

Part # MAX8686
Download  MAX8686 Click to download

File Size   416.42 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase

MAX8686 Datasheet (HTML) - Maxim Integrated Products


MAX8686 Product details

General Description
The MAX8686 current-mode, synchronous PWM stepdown regulator with integrated MOSFETs operates from a 4.5V to 20V input supply and generates an adjustable output voltage from 0.7V to 5.5V while delivering up to 25A per phase.
The MAX8686 employs a peak current-mode architecture that operates with an adjustable switching frequency from 300kHz to 1MHz. An adjustable current-limit thresh old allows for optimization for different applications with different load currents. Inductor current sense is achieved either using an external sense resistor or using a lossless inductor current-sense scheme. The foldback and hiccup current limit reduces the power dissipation during overload or short-circuit conditions and allows for autorecovery when the fault condition is removed.
The MAX8686 offers the ability to start up monotonically even when there is a prebias output voltage. In addition, an adjustable soft-start capability allows for a controlled turn-on. The MAX8686 features an accurate 1% reference and offers a reference input that allows for a higher accuracy reference to be used for voltage tracking applications such as DDR memory.
The MAX8686 can be paralleled (up to eight) together in a true multiphase mode to deliver up to 200A of output current. When operating in this mode, this device achieves better than 10% current balance between phases at full load. The MAX8686 supports programmable phase shedding to improve system efficiency during light load conditions.
Other features include an enable input and a power-OK (POK) indicator used for power sequencing. The MAX8686 also features latch overvoltage protection that turns on the low-side MOSFET when the output voltage exceeds 120% of the nominal voltage. The MAX8686 is offered in a thermally enhanced 40-pin, 6mm x 6mm TQFN package.

Features
♦ Operating Range from 4.5V to 20V Input Supply
♦ 1% Reference Voltage Accuracy Over Temperatu
♦ Reference Input (REFIN) for Output Tracking or System Reference Voltage
♦ Adjustable Switching Frequency from 300kHz to 1MHz
♦ Single/Multiphase Operation Delivers Up to 25A/200A with Integrated MOSFETs
♦ Adjustable Current Limit
♦ Monotonic Output Voltage at Startup (Prebias)
♦ Output Sink and Source Current Capability
♦ Adjustable Soft-Start
♦ Thermal-Overload Protection
♦ Output Overvoltage Protection
♦ Thermally Enhanced 6mm x 6mm TQFN Package (4W)

Applications
  POL Power Supplies
  Module Replacements
  Telecom Equipment
  Networking Equipment
  Servers
  DDR Memory




Similar Part No. - MAX8686

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX868 MAXIM-MAX868 Datasheet
152Kb / 12P
Regulated, Adjustable -2x Inverting Charge Pump
Rev 1; 2/98
MAX8680 MAXIM-MAX8680 Datasheet
156Kb / 2P
Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN
Rev 2; 11/07
MAX8680ETL+ MAXIM-MAX8680ETL+ Datasheet
156Kb / 2P
Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN
Rev 2; 11/07
MAX8685A MAXIM-MAX8685A Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
July 9, 2009
MAX8685AETD+ MAXIM-MAX8685AETD+ Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
July 9, 2009
More results


Similar Description - MAX8686

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
316Kb / 9P
DC-to-DC Step-Down Converter
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
DC-to-DC Step-Down Converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
Step-Down DC to DC Converter
April 18, 2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com