Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8680 Datasheet (PDF) - Maxim Integrated Products

MAX8680 Datasheet PDF - Maxim Integrated Products
Part # MAX8680
Download  MAX8680 Download
File Size   156.87 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN

MAX8680 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8680 Datasheet PDF - Maxim Integrated Products

Part # MAX8680
Download  MAX8680 Click to download

File Size   156.87 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN

MAX8680 Datasheet (HTML) - Maxim Integrated Products


MAX8680 Product details

General Description
The MAX8680 highly efficient complete power-supply solution is designed for digital still cameras (DSCs) and digital video cameras (DVCs). The device integrates seven on-chip power MOSFET DC-DC converters with up to 95% efficiency to power all critical power supplies in DSC systems. Each converter also features True Shutdown™, as well as internal compensation to minimize external component count. The seven DC-DC converter outputs are:
• Step-up synchronous-rectified DC-DC converter (SU). The MAX8680 is bootstrapped from VSU.
• MAIN synchronous-rectified step-down DC-DC converter (M) for DSP I/O supply voltage.
• DDRZ synchronous-rectified step-down DC-DC converter (Z) for DSP DDR supply voltage.
• Low-voltage (down to 1V) synchronous-rectified step-down DC-DC converter (SD) for DSP core supply voltage.
• High-voltage, step-up DC-DC converter with current regulation and PWM dimming control (LEDBST) for white LEDs (WLED).
• High-voltage step-up DC-DC converter (CCDBST) for CCD imagers or positive LCD bias supplies.
• Transformerless inverting DC-DC converter (CCDINV) for CCD imagers or negative LCD bias supplies.

Features
♦ 95% Efficient Synchronous-Rectified DC-DC Converters
♦ 90% Efficient Boost-Buck Operation
♦ 85% Efficient DC-DC Converters for CCD, LCD, WLED, and/or OLED
♦ Internal Compensation on All Channels
♦ True Shutdown on All Step-Up Converters
♦ Overload Protection
♦ Soft-Start for Controlled Startup Current
♦ Dropout Operation (100% Duty Cycle) on StepDown Converters
♦ Regulated Current Output for Up to 6 White LEDs
♦ PWM Dimming of WLED Current
♦ Adjustable LED Overvoltage Protection Up to 27V
♦ Transformerless Inverting Converter for CCD
♦ 2MHz Switching Frequency for Low-Voltage Channels
♦ ±2.5% Switching Frequency Accuracy
♦ 1µA Shutdown Supply Current
♦ Power-On Voltage Tracking for Core and Main Outputs
♦ All Internal Power MOSFETs
♦ SDOK Power-OK Indicator

Applications
   DSCs and DVCs
   PDAs and Portable Media Players
   GPS Navigation Systems




Similar Part No. - MAX8680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX868 MAXIM-MAX868 Datasheet
152Kb / 12P
Regulated, Adjustable -2x Inverting Charge Pump
Rev 1; 2/98
MAX8685A MAXIM-MAX8685A Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
July 9, 2009
MAX8685AETD+ MAXIM-MAX8685AETD+ Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
July 9, 2009
MAX8686 MAXIM-MAX8686 Datasheet
416Kb / 23P
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase
Rev 1; 10/10
MAX8686ETL MAXIM-MAX8686ETL Datasheet
416Kb / 23P
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase
Rev 1; 10/10
More results


Similar Description - MAX8680

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
LVPECL 7 x 5mm 2.5V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
LVDS 7 x 5mm 2.5V Oscillator
logo
Maxim Integrated Produc...
MAX8857A MAXIM-MAX8857A Datasheet
127Kb / 2P
Smallest, All-Internal MOSFET, 7-Channel 2 AA DSC PMIC
Rev 0; 10/07
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
7 x 5mm SMD HCMOS
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
7 x 5mm Programmable LVPECL Oscillator
logo
Maxim Integrated Produc...
MAX8857A MAXIM-MAX8857A_12 Datasheet
135Kb / 2P
Smallest, All-Internal MOSFET,7-Channel 2 AA DSC PMIC
Rev 1; 2/12
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXTC-HE73 FOX-FXTC-HE73 Datasheet
194Kb / 11P
7 x 5mm 3.3V TCXO
logo
Global Mixed-mode Techn...
G2205 GMT-G2205 Datasheet
71Kb / 1P
76 Channels PMIC for DSC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com