Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2205 Datasheet (PDF) - Global Mixed-mode Technology Inc

G2205 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2205
Download  G2205 Download
File Size   71.49 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 76 Channels PMIC for DSC

G2205 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2205 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2205
Download  G2205 Click to download

File Size   71.49 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 76 Channels PMIC for DSC

G2205 Datasheet (HTML) - Global Mixed-mode Technology Inc


G2205 Product details

General Description
The G2205 provide a complete power supply solution for digital cameras. They improve performance, component count, and size compared to other multi-channel controllers in 2-cell AA, 1-cell Li-Ion, and multi-battery designs. On-chip MOSFETs provide up to 92~95% efficiency for critical power supplies. All channels DC/DC operate at one fixed frequency of 1.5MHz/750KHz to optimize size, cost, and efficiency. All Synchronous converters operate at pulse skipping mode at light load. They also feature True-Shutdown as well as internal compensation to minimize external component count..

Features
■ 1.5V ~ 5.5V Input Voltage Operation.
■ 95% Efficient DC/DC Converter
■ Highly Integrated 7-CH DC/DC with integrated Power MOSFETs
■ Main Channel Selectable Buck or Boost for 2*AA or Li-Ion Application
■ Built-in 6 Channel Synchronous Rectified Current-Mode PWM/PSM Converter, 1 Channel Non-Synchronous Rectified Current-Mode PWM Converter.
■ Boost Type with LED open protection LED Driver
■ 32-steps brightness control by I2C for LED Driver
■ Built-in HV LDO and RTC LDO
■ Built-in 4 LDO regulators
■ Low Power Consumption ( Sleep Mode ) < 10µA.
■ Built-In Selectable Power ON/OFF Sequence for 4 Channel Synchronous Rectified Converter.
■ Built-In Power ON/OFF Sequence by I2C for CCD+,CCD- power, and HVLDO.
■ Built-In Short Circuit Protection (SCP) & Under Voltage Protection (UVP)
■ Cycle-by-Cycle current limit for DC/DC Converter
■ Built-In Thermal Shutdown Function.
■ Built-In Battery OVP Function.
■ Built-In Soft-Start Function.
■ Built-In True Shutdown in Boost Converter.
■ Fixed 1.5MHz/750KHz Operating Frequency.
■ TQFN40 Package (5mmx5mm).

Applications
    DSC and DV Power Supply




Similar Part No. - G2205

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2205 HEYCO-G2205 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
More results


Similar Description - G2205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8857A MAXIM-MAX8857A Datasheet
127Kb / 2P
Smallest, All-Internal MOSFET, 7-Channel 2 AA DSC PMIC
Rev 0; 10/07
logo
Silicon Touch Technolog...
11-MD142 SITI-11-MD142 Datasheet
190Kb / 11P
Multi-Channels Motor Driver For DSC
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
Multi-Channels Motor Driver For DSC
logo
Maxim Integrated Produc...
MAX8857A MAXIM-MAX8857A_12 Datasheet
135Kb / 2P
Smallest, All-Internal MOSFET,7-Channel 2 AA DSC PMIC
Rev 1; 2/12
logo
ON Semiconductor
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
6 Channels PMIC
August, 2014 ??Rev. 3
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
66 Channels PMU for DSC
G2206 GMT-G2206 Datasheet
117Kb / 1P
63 Channels PMU and Li-ion Battery Charger for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
logo
Richtek Technology Corp...
RT9986A RICHTEK-RT9986A Datasheet
444Kb / 24P
7-CH DC/DC Converter for DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com