Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2207 Datasheet (PDF) - Global Mixed-mode Technology Inc

G2207 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2207
Download  G2207 Download
File Size   97.79 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 66 Channels PMU for DSC

G2207 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2207 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2207
Download  G2207 Click to download

File Size   97.79 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 66 Channels PMU for DSC

G2207 Datasheet (HTML) - Global Mixed-mode Technology Inc


G2207 Product details

General Description
The G2207 provide a complete power supply solution for digital cameras. They improve performance, component count, and size compared to other multi-channel controllers in 1-cell Li-Ion. On-chip MOSFETs provide up to 92~95% efficiency for critical power supplies. All channels DC/DC operate at one fixed frequency of 1.5MHz/750KHz to optimize size, cost, and efficiency. All Synchronous converters operate at pulse skipping mode at light load. They also feature True-Shutdown as well as internal compensation to minimize external component count.

Features
■ 2.5V ~ 5.5V Input Voltage Operation
■ 95% Efficient DC/DC Converter
■ Built-in 1-ch synchronous boost converter, 1-ch auto buck-boost converter, 3-ch synchronous buck converter, 1-ch WLED driver, 4-ch LDOs, 1-ch power switch for CMOS image sensor, and 1-ch low quiescent current LDO for RTC.
■ 32-steps brightness control by I2C for WLED Driver
■ Low Power consumption (Sleep Mode ) < 10µA.
■ Built-In Selectable Power ON/OFF Sequence.
■ Built-In Short Circuit Protection (SCP), Under Voltage Protection (UVP), and cycle-by cycle current limit for DC/DC Converters.
■ Built-In Thermal Shutdown Function.
■ Built-In Battery OVP Function.
■ TQFN40 Package (5mmx5mm).

Applications
    DSC and DV Power Supply




Similar Part No. - G2207

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
EIC discrete Semiconduc...
G220 EIC-G220 Datasheet
26Kb / 1P
SIDACs
logo
Shenzhen Taychipst Elec...
G220 TAYCHIPST-G220 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
New Jersey Semi-Conduct...
G220 NJSEMI-G220 Datasheet
84Kb / 1P
SIDACs
logo
Polyfet RF Devices
G22001 POLYFET-G22001 Datasheet
47Kb / 2P
RF POWER GAN TRANSISTOR
More results


Similar Description - G2207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
6-Channel DC-DC Controller for DSC
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Silicon Touch Technolog...
11-MD142 SITI-11-MD142 Datasheet
190Kb / 11P
Multi-Channels Motor Driver For DSC
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
Multi-Channels Motor Driver For DSC
logo
ON Semiconductor
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
6 Channels PMIC
August, 2014 ??Rev. 3
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
654 Channels PMU
G2206 GMT-G2206 Datasheet
117Kb / 1P
63 Channels PMU and Li-ion Battery Charger for DSC
G2205 GMT-G2205 Datasheet
71Kb / 1P
76 Channels PMIC for DSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com