Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2218 Datasheet (PDF) - Global Mixed-mode Technology Inc

G2218 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2218
Download  G2218 Download
File Size   71.3 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 654 Channels PMU

G2218 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2218 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2218
Download  G2218 Click to download

File Size   71.3 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 654 Channels PMU

G2218 Datasheet (HTML) - Global Mixed-mode Technology Inc


G2218 Product details

General Description

The G2218 provide a complete power supply solution. On-chip MOSFETs provide up to 92~95% efficiency for critical power supplies. All channels DC/DC operate at one fixed frequency of 1.5MHz to optimize size, cost, and efficiency. All Synchronous converters operate at pulse skipping mode at light load.



Features

„ 2.5V ~ 5.5V Input Voltage Operation.

„ 95% Efficient DC/DC Converter

„ Built-in 6-ch synchronous buck converter, 5-ch LDOs, and 4-ch power switches.

„ Low Power consumption (Sleep Mode ) < 10µA.

„ Built-In Power ON/OFF Sequence for PMU.

„ Built-In Short Circuit Protection (SCP), Under Voltage Protection (UVP), and cycle-by cycle current limit for DC/DC Converters.

„ Built-In Thermal Shutdown Function..

„ TQFN40 Package (5mmx5mm).



Applications

„ Tablet PC




Similar Part No. - G2218

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G221 MPD-G221 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Multicomp Pro
G221 MULTICOMP-G221 Datasheet
304Kb / 3P
Multipurpose Boxes with Lids
14/09/20 V1.0
logo
Heyco.
G2213 HEYCO-G2213 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
G2217 HEYCO-G2217 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
logo
MicroPower Direct, LLC
G221E MPD-G221E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
More results


Similar Description - G2218

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
6 CHANNELS VOLUME CONTROLLER
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
6 CHANNELS VOLUME CONTROLLER
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
6 CHANNELS VOLUME CONTROLLER
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
ACT5880 ACTIVE-SEMI-ACT5880_14 Datasheet
1Mb / 87P
15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
logo
ON Semiconductor
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
6 Channels PMIC
August, 2014 ??Rev. 3
logo
Global Mixed-mode Techn...
G2241B GMT-G2241B Datasheet
98Kb / 1P
46 Channels PMU and Dual-input, Switch mode Li-ion Battery Charger
G2207 GMT-G2207 Datasheet
97Kb / 1P
66 Channels PMU for DSC
G2206 GMT-G2206 Datasheet
117Kb / 1P
63 Channels PMU and Li-ion Battery Charger for DSC
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
Channels DC/DC PMU with Li-ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com