Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2206 Datasheet (PDF) - Global Mixed-mode Technology Inc

G2206 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2206
Download  G2206 Download
File Size   117.67 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 63 Channels PMU and Li-ion Battery Charger for DSC

G2206 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2206 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2206
Download  G2206 Click to download

File Size   117.67 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 63 Channels PMU and Li-ion Battery Charger for DSC

G2206 Datasheet (HTML) - Global Mixed-mode Technology Inc


G2206 Product details

General Description
The G2206 provide a complete power supply solution for digital cameras. They improve performance, component count, and size compared to other multi-channel controllers in 1-cell Li-Ion. On-chip MOSFETs provide up to 92~95% efficiency for critical power supplies. All channels DC/DC operate at one fixed frequency of 1.5MHz/750KHz to optimize size, cost, and efficiency. All Synchronous converters operate at pulse skipping mode at light load. They also feature True-Shutdown as well as internal compensation to minimize external component count.
The G2206 also provide Li-ion linear charger with dynamic power path control. G2206 has USB power source detection and JEITA compliant. G2206 also has auto NTC-R 100kΩ/10kΩ detection circuit.

Features
■ 2.5V ~ 5.5V Input Voltage Operation.
■ 95% Efficient DC/DC Converter
■ Built-in 1-ch synchronous boost converter, 1-ch auto buck-boost converter, 3-ch synchronous buck converter, 1-ch WLED driver, 2-ch LDOs for CMOS image sensor, and 1-ch low quiescent current LDO for RTC.
■ 31-steps brightness control by I2C for WLED Driver
■ Low Power consumption (Sleep Mode ) < 10µA.
■ Built-In Selectable Power ON/OFF Sequence for 4 Channels Synchronous Rectified Converter.
■ Built-In Short Circuit Protection (SCP), Under Voltage Protection (UVP), and cycle-by cycle current limit for DC/DC Converters.
■ Integrated Li-ion linear charger with dynamic power path function.
■ Charge voltage and current control with JEITA compliant.
■ USB charger with Auto Power Source Detection which is compliant to USB Battery Charging Revision 1.2.
■ Built-In Thermal Shutdown Function.
■ Built-In Battery OVP Function.
■ TQFN40 Package (5mmx5mm).

Applications
    DSC and DV Power Supply




Similar Part No. - G2206

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
EIC discrete Semiconduc...
G220 EIC-G220 Datasheet
26Kb / 1P
SIDACs
logo
Shenzhen Taychipst Elec...
G220 TAYCHIPST-G220 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
New Jersey Semi-Conduct...
G220 NJSEMI-G220 Datasheet
84Kb / 1P
SIDACs
logo
Polyfet RF Devices
G22001 POLYFET-G22001 Datasheet
47Kb / 2P
RF POWER GAN TRANSISTOR
More results


Similar Description - G2206

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Global Mixed-mode Techn...
G2241B GMT-G2241B Datasheet
98Kb / 1P
46 Channels PMU and Dual-input, Switch mode Li-ion Battery Charger
G2207 GMT-G2207 Datasheet
97Kb / 1P
66 Channels PMU for DSC
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
Channels DC/DC PMU with Li-ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com