Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G220 Datasheet (PDF) - Global Mixed-mode Technology Inc

G220 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G220
Download  G220 Download
File Size   193.76 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Ultra320 Multi-mode LVD/SE SCSI Terminator

G220 Datasheet (PDF)

Go To PDF Page Download Datasheet
G220 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G220
Download  G220 Click to download

File Size   193.76 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Ultra320 Multi-mode LVD/SE SCSI Terminator

G220 Datasheet (HTML) - Global Mixed-mode Technology Inc


G220 Product details

General Description
The G220 Multi-mode LVD/SE SCSI terminator provides a smooth transition into the next generation of the SCSI Parallel Interface (SPI-4). It automatically senses the bus, via DIFFSENS, and switches the termination to either single-ended (SE) or low voltage differential (LVD) SCSI, dependent on which type of devices are connected to the bus. If the G220 detects a HVD SCSI device, it switches to a high impedance state. For a 16-bit Wide SCSI bus to be operational, three G220 terminators are needed.

Features
■ Auto-selectable multi-mode Single-Ended or LVD Termination
■ Meets SCSI-1, SCSI-2, SCSI-3 SPI Ultra (Fast-20), Ultra 2(SPI-2 LVD), Ultra160 (SPI-3 LVD), and Ultra320 (SPI-4 LVD) standards
■ Supports active negation
■ 3pF channel capacitance
■ 2.9V to 5.5V operation
■ Thermal protection
■ Hot-Swap compatible
■ 5% tolerance on SE and LVD termination resistance
■ SE/LVD mode indicators
■ 28 pin TSSOP package

Applications
■ Server and workstation
■ High-end PC
■ Industrial PC
■ Disk Array (RAID)
■ SCSI cable




Similar Part No. - G220

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
G220 EIC-G220 Datasheet
26Kb / 1P
SIDACs
logo
Shenzhen Taychipst Elec...
G220 TAYCHIPST-G220 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
New Jersey Semi-Conduct...
G220 NJSEMI-G220 Datasheet
84Kb / 1P
SIDACs
logo
Polyfet RF Devices
G22001 POLYFET-G22001 Datasheet
47Kb / 2P
RF POWER GAN TRANSISTOR
logo
Heyco.
G2201 HEYCO-G2201 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
More results


Similar Description - G220

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
HP7501 ETC1-HP7501 Datasheet
209Kb / 9P
Ultra320 LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com