Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G218B Datasheet (PDF) - Global Mixed-mode Technology Inc

G218B Datasheet PDF - Global Mixed-mode Technology Inc
Part # G218B
Download  G218B Download
File Size   188.69 Kbytes
Page   11 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Ultra160 Multi-mode LVD/SE SCSI Terminator

G218B Datasheet (PDF)

Go To PDF Page Download Datasheet
G218B Datasheet PDF - Global Mixed-mode Technology Inc

Part # G218B
Download  G218B Click to download

File Size   188.69 Kbytes
Page   11 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Ultra160 Multi-mode LVD/SE SCSI Terminator

G218B Datasheet (HTML) - Global Mixed-mode Technology Inc


G218B Product details

General Description
The G218B Multi-mode LVD/SE SCSI terminator provides a smooth transition into the next generation of the SCSI Parallel Interface (SPI-3). It automatically senses the bus, via DIFFSENS, and switches the termination to either single-ended (SE) or low voltage differential (LVD) SCSI, dependent on which type of devices are connected to the bus. If the G218B detects a HVD SCSI device, it switches to a high impedance state. For a 16-bit Wide SCSI bus to be operational, three G218B terminators are needed.
The Multi-mode terminator contains all functions required to terminate and auto detect and switch modes for SCSI Parallel Interface (SPI) bus architectures. For the SE termination, one regulator and nine precision 110ohm resistors are used. For the LVD termination, the G218B integrates 18 regulated supplies with nine precision resistor strings.

Features
■ Auto-selectable multi-mode Single-Ended
   or LVD Termination
■ Meets SCSI-1, SCSI-2, SCSI-3 SPI Ultra
   (Fast-20), Ultra 2(SPI-2 LVD), Ultra160 (SPI-3
   LVD) standards.
■ Supports active negation
■ 3pF channel capacitance
■ Thermal protection
■ Hot-Swap compatible
■ 5% tolerance on SE and LVD termination
   resistance
■ 28 and 36 pin SSOP package
■ 28 Pin SSOP: Pin Compatible with DS2119
■ 36 Pin SSOP: Pin Compatible with DS2118,
   LX5241 and UCC5630

Applications
■ Server and workstation
■ High-end PC
■ Industrial PC
■ Disk Array (RAID)
■ SCSI cable




Similar Part No. - G218B

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G218 MULTICOMP-G218 Datasheet
304Kb / 3P
Multipurpose Boxes with Lids
14/09/20 V1.0
logo
Microsemi Corporation
G2180B1EB1S MICROSEMI-G2180B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
G2180B1EN1S MICROSEMI-G2180B1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EB1S MICROSEMI-G2180C1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EN1S MICROSEMI-G2180C1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
More results


Similar Description - G218B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Maxim Integrated Produc...
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com