Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G219 Datasheet (PDF) - List of Unclassifed Manufacturers

G219 Datasheet PDF - List of Unclassifed Manufacturers
Part # G219
Download  G219 Download
File Size   130.51 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra320 Multi-mode LVD/SE SCSI Terminator

G219 Datasheet (PDF)

Go To PDF Page Download Datasheet
G219 Datasheet PDF - List of Unclassifed Manufacturers

Part # G219
Download  G219 Click to download

File Size   130.51 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra320 Multi-mode LVD/SE SCSI Terminator

G219 Datasheet (HTML) - List of Unclassifed Manufacturers


G219 Product details

[GMT]



General Description 

The G219 Multi-mode LVD/SE SCSI terminator provides a smooth transition into the next generation of the SCSI Parallel Interface (SPI-4). It automatically senses the bus, via DIFFSENS, and switches the termination to either single-ended (SE) or low voltage differential (LVD) SCSI, dependent on which type of devices are connected to the bus. If the G219 detects a HVD SCSI device, it switches to a high impedance state. For a 16-bit Wide SCSI bus to be operational, three G219 terminators are needed.



Features

Auto-selectable multi-mode Single-Ended or LVD Termination

Meets SCSI-1, SCSI-2, SCSI-3 SPI Ultra (Fast-20), Ultra 2(SPI-2 LVD), Ultra160 (SPI-3 LVD), and Ultra320 (SPI-4 LVD) standards

Supports active negation

3pF channel capacitance

2.9V to 5.5V operation

Thermal protection

Hot-Swap compatible

5% tolerance on SE and LVD termination resistance

28 pin TSSOP package

28 Pin TSSOP: Pin Compatible with DS2119




Similar Part No. - G219

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
G21.B.301111 TAOGLAS-G21.B.301111 Datasheet
1Mb / 25P
G21 GSM Hercules Gen.II Penta Band Cellular Antenna
G21.B.3011111 TAOGLAS-G21.B.3011111 Datasheet
1Mb / 23P
Heavy duty screw mount
G21.B.W.301111 TAOGLAS-G21.B.W.301111 Datasheet
1Mb / 21P
G21.W White Hercules Gen II Penta Band Cellular Antenna
logo
Multicomp Pro
G2100 MULTICOMP-G2100 Datasheet
198Kb / 1P
Multipurpose Enclosure
08/09/20 V1.0
logo
Polyfet RF Devices
G21001 POLYFET-G21001 Datasheet
44Kb / 2P
RF POWER GAN TRANSISTOR
More results


Similar Description - G219

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
HP7501 ETC1-HP7501 Datasheet
209Kb / 9P
Ultra320 LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com