Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW75 Datasheet (PDF) - EIC discrete Semiconductors

BAW75 Datasheet PDF - EIC discrete Semiconductors
Part # BAW75
Download  BAW75 Download
File Size   35.93 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODES

BAW75 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW75 Datasheet PDF - EIC discrete Semiconductors

Part # BAW75
Download  BAW75 Click to download

File Size   35.93 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODES

BAW75 Datasheet (HTML) - EIC discrete Semiconductors


BAW75 Product details

FEATURES :
• High switching speed: max. 4 ns
• Reverse voltage:max. 25V , 50V
• Peak reverse voltage:max. 35V, 75 V
• Pb / RoHS Free




Similar Part No. - BAW75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAW75 FAIRCHILD-BAW75 Datasheet
33Kb / 1P
High Speed Computer Diodes
logo
General Semiconductor
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
logo
DAESAN ELECTRONIC CORP.
BAW75 DAESAN-BAW75 Datasheet
248Kb / 2P
SMALL SIGNAL SWITCHING DIODES
logo
GOOD-ARK Electronics
BAW75 GOOD-ARK-BAW75 Datasheet
167Kb / 4P
Small-Signal Diode
logo
Vishay Siliconix
BAW75 VISHAY-BAW75 Datasheet
110Kb / 4P
Small Signal Switching Diode
19-Feb-07
More results


Similar Description - BAW75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com