Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N914 Datasheet (PDF) - EIC discrete Semiconductors

1N914 Datasheet PDF - EIC discrete Semiconductors
Part # 1N914
Download  1N914 Download
File Size   48.73 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODES

1N914 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N914 Datasheet PDF - EIC discrete Semiconductors

Part # 1N914
Download  1N914 Click to download

File Size   48.73 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODES

1N914 Datasheet (HTML) - EIC discrete Semiconductors


1N914 Product details

FEATURES :
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 75 V
• Repetitive peak reverse voltage:max. 100 V
• Repetitive peak forward current: max. 225 mA
• Pb / RoHS Free




Similar Part No. - 1N914

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N914 PHILIPS-1N914 Datasheet
51Kb / 8P
High-speed diode
1999 May 26
logo
Semtech Corporation
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Fairchild Semiconductor
1N914 FAIRCHILD-1N914 Datasheet
78Kb / 4P
Small Signal Diode
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
SWITCHING DIODE
logo
Shanghai Lunsure Electr...
1N914 CHENYI-1N914 Datasheet
47Kb / 1P
SMALL SIGNAL SWITCHING DIODE
More results


Similar Description - 1N914

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com