Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC87XCLM Datasheet (PDF) - Infineon Technologies AG

XC87XCLM Datasheet PDF - Infineon Technologies AG
Part # XC87XCLM
Download  XC87XCLM Download
File Size   2169.52 Kbytes
Page   145 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

XC87XCLM Datasheet (PDF)

Go To PDF Page Download Datasheet
XC87XCLM Datasheet PDF - Infineon Technologies AG

Part # XC87XCLM
Download  XC87XCLM Click to download

File Size   2169.52 Kbytes
Page   145 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

XC87XCLM Datasheet (HTML) - Infineon Technologies AG


XC87XCLM Product details

XC87x Variant Devices
The XC87x product family features devices with different configurations, program memory sizes, package options, power supplyvoltage, temperature and quality profiles (Automotive or Industrial), to offer cost-effective solutions for different application requirements.

Summary of Features
The XC87x has the following features:
• High-performance XC800 Core
   – compatible with standard 8051 processor
   – two clocks per machine cycle architecture (for memory access without wait state)
   – two data pointers
• On-chip memory
   – 8 Kbytes of Boot ROM
   – 256 bytes of RAM
   – 3 Kbytes of XRAM
   – 64/52 Kbytes of Flash; (includes memory protection strategy)
• I/O port supply at 3.3 V or 5.0 V and core logic supply at2.5 V (generated by embedded voltage regulator)
• Power-on reset generation
• Brownout detection for core logic supply
• On-chip OSC and PLL for clock generation
   – Loss-of-Clock detection
• Power saving modes
   – slow-down mode
   – idle mode
   – power-down mode with wake-up capability via RXD or EXINT01)
   – clock gating control to each peripheral
• Programmable 16-bit Watchdog Timer (WDT)
• Five ports
   – Up to 40 pins as digital I/O
   – 8 dedicated analog inputs used as A/D converter input
• 8-channel, 10-bit ADC
• Four 16-bit timers
   – Timer 0 and Timer 1 (T0 and T1)
   – Timer 2 and Timer 21 (T2 and T21)
• Multiplication/Division Unit for arithmetic operations (MDU)
• CORDIC Coprocessor for computation oftrigonometric, hyperbolic and linear functions
• MultiCAN with 2 nodes, 32 message objects
• Two Capture/compare units
   – Capture/compare unit 6 for PWM signal generation (CCU6)
   – Timer 2 Capture/compare unit for vaious digital signal generation (T2CCU)
• Two full-duplex serial interfaces (UART and UART1)
• Synchronous serialchannel (SSC)
• On-chip debug support
   – 1 Kbyte of monitor ROM (part of the 8-Kbyte Boot ROM)
   – 64 bytes of monitor RAM
• Packages:
   –PG-LQFP-64
   –PG-VQFN-48
• Temperature range TA:
   – SAF (-40 to 85 °C)
   – SAX (-40 to 105 °C)
   – SAK (-40 to 125 °C)




Similar Part No. - XC87XCLM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC87XCLM INFINEON-XC87XCLM Datasheet
2Mb / 145P
8-Bit Single-Chip Microcontroller
V1.5 2011-03
XC87XCLM INFINEON-XC87XCLM_11 Datasheet
2Mb / 145P
8-Bit Single-Chip Microcontroller
V1.5 2011-03
More results


Similar Description - XC87XCLM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com