Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA20 Datasheet (PDF) - Sanyo Semicon Device

BA20 Datasheet PDF - Sanyo Semicon Device
Part # BA20
Download  BA20 Download
File Size   42.97 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.0A Single-Phase Bridge Rectifier

BA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA20 Datasheet PDF - Sanyo Semicon Device

Part # BA20
Download  BA20 Click to download

File Size   42.97 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.0A Single-Phase Bridge Rectifier

BA20 Datasheet (HTML) - Sanyo Semicon Device


BA20 Product details

Features
• Plastic molded structure.
• Glass passivation for high reliability.
• Peak reverse voltage:VRM=100 to 400V.
• Average rectified current:IO=2.0A.




Similar Part No. - BA20

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA20 L-COM-BA20 Datasheet
111Kb / 1P
ADAPTOR RA SMA M/ SMA F
06/05/01
BA20-N L-COM-BA20-N Datasheet
309Kb / 3P
Coaxial 50 Ohm Right Angle Adapter, SMA Female / Male, Nickel Plated
logo
Fuji Electric
BA201 FUJI-BA201 Datasheet
8Kb / 1P
FAST RECOVERY DIODE
logo
List of Unclassifed Man...
BA201 ETC-BA201 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Shenzhen Bencent Electr...
BA201N BENCENT-BA201N Datasheet
261Kb / 3P
Low Capacitance and Insertion Loss
More results


Similar Description - BA20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005 WTE-2W005_06 Datasheet
52Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
RB200 WTE-RB200_06 Datasheet
58Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
2.0A Single-Phase Bridge Rectifier
June, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com