Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA20 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # BA20
Description  2.0A Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

BA20 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  BA20 Datasheet HTML 1Page - Sanyo Semicon Device BA20 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Diffused Junction Type Silicon Diode
2.0A Single-Phase Bridge Rectifier
Ordering number:EN647C
DBA20
52098HA (KT)/1129YT, TS No.647-1/2
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Features
· Plastic molded structure.
· Glass passivation for high reliability.
· Peak reverse voltage:VRM=100 to 400V.
· Average rectified current:IO=2.0A.
˚C
˚C
Package Dimensions
unit:mm
1087
[DBA20]
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CB
0
2
A
B
DC
0
2
A
B
DE
0
2
A
B
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
10
0
20
0
4V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
→→
0
.
2A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→→
0
4A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→→
0
5
1
+
o
t
0
3
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
0
.
1
=
5
0
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
h
c
a
e
t
A
:V M
R
0
1A
µ
Note:Mounting torque:0.49N·m max.
Ta=40˚C


Similar Part No. - BA20

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA20 L-COM-BA20 Datasheet
111Kb / 1P
ADAPTOR RA SMA M/ SMA F
06/05/01
BA20-N L-COM-BA20-N Datasheet
309Kb / 3P
Coaxial 50 Ohm Right Angle Adapter, SMA Female / Male, Nickel Plated
logo
Fuji Electric
BA201 FUJI-BA201 Datasheet
8Kb / 1P
FAST RECOVERY DIODE
logo
List of Unclassifed Man...
BA201 ETC-BA201 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Shenzhen Bencent Electr...
BA201N BENCENT-BA201N Datasheet
261Kb / 3P
Low Capacitance and Insertion Loss
More results

Similar Description - BA20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005 WTE-2W005_06 Datasheet
52Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
RB200 WTE-RB200_06 Datasheet
58Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
2.0A Single-Phase Bridge Rectifier
June, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com