Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBA40 Datasheet (PDF) - Sanyo Semicon Device

DBA40 Datasheet PDF - Sanyo Semicon Device
Part # DBA40
Download  DBA40 Download
File Size   52.09 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4.0A Single-Phase Bridge Rectifier

DBA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBA40 Datasheet PDF - Sanyo Semicon Device

Part # DBA40
Download  DBA40 Click to download

File Size   52.09 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4.0A Single-Phase Bridge Rectifier

DBA40 Datasheet (HTML) - Sanyo Semicon Device


DBA40 Product details

Features
• Plastic molded structure.
• Glass passivation for high reliability.
• Peak reverse voltage : VRM=200, 600V.
• Average rectified current : IO=4.0A.




Similar Part No. - DBA40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40 Datasheet
24Kb / 3P
4.0A Single-Phase Bridge Rectifier
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
4.0A Single-Phase Bridge Rectifier
More results


Similar Description - DBA40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400 WTE-KBL400_06 Datasheet
48Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF40G ONSEMI-DBF40G Datasheet
697Kb / 2P
4.0A Single-Phase Bridge Rectifier
June, 2014
logo
SMC Diode Solutions Co....
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com