Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF40G Datasheet (PDF) - ON Semiconductor

DBF40G Datasheet PDF - ON Semiconductor
Part # DBF40G
Download  DBF40G Download
File Size   697.46 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.0A Single-Phase Bridge Rectifier

DBF40G Datasheet (PDF)

Go To PDF Page Download Datasheet
DBF40G Datasheet PDF - ON Semiconductor

Part # DBF40G
Download  DBF40G Click to download

File Size   697.46 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.0A Single-Phase Bridge Rectifier

DBF40G Datasheet (HTML) - ON Semiconductor


DBF40G Product details

Features
• Glass passivation for high reliability
• Plastic molded structure
• Peak reverse voltage : VRM=600V
• Average output current : IO=4.0A




Similar Part No. - DBF40G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40 Datasheet
87Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
Dubilier
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
DBF4010G05HS DUBILIER-DBF4010G05HS Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
DBF4010G05L DUBILIER-DBF4010G05L Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
More results


Similar Description - DBF40G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400 WTE-KBL400_06 Datasheet
48Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com