Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF150 Datasheet (PDF) - Sanyo Semicon Device

DBF150 Datasheet PDF - Sanyo Semicon Device
Part # DBF150
Download  DBF150 Download
File Size   21.45 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15A Single-Phase Bridge Rectifier

DBF150 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBF150 Datasheet PDF - Sanyo Semicon Device

Part # DBF150
Download  DBF150 Click to download

File Size   21.45 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15A Single-Phase Bridge Rectifier

DBF150 Datasheet (HTML) - Sanyo Semicon Device


DBF150 Product details

Features
• Glass passivation for high reliability.
• Plastic molded structure.
• Peak reverse voltage : VRM=200, 600V.
• Average rectified current : IO=15A.




Similar Part No. - DBF150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
More results


Similar Description - DBF150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A_06 Datasheet
77Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15 WTE-KBPC15_06 Datasheet
54Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ15 NELLSEMI-GBJ15 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 15A
KBPC15 NELLSEMI-KBPC15 Datasheet
313Kb / 3P
Single-Phase Bridge Rectifier, 15A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com