Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC15 Datasheet (PDF) - Nell Semiconductor Co., Ltd

KBPC15 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # KBPC15
Download  KBPC15 Download
File Size   313.38 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Single-Phase Bridge Rectifier, 15A

KBPC15 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC15 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # KBPC15
Download  KBPC15 Click to download

File Size   313.38 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Single-Phase Bridge Rectifier, 15A

KBPC15 Datasheet (HTML) - Nell Semiconductor Co., Ltd


KBPC15 Product details

FEATURES
● UL recognition file number E320098
● Universal 3-way terminals: snap-on, wire Compliant to RoHS
● wrap-around, or PCB mounting
● High surge current capability
● Low thermal resistance
● Solder dip 260°C, 40s

TYPICAL APPLICATIONS
    General purpose use in AC/DC bridge full wave rectification for power supply, home appliances, office equipment, industrial automation applications.




Similar Part No. - KBPC15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC15 WTE-KBPC15 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC15 ETC1-KBPC15 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC15 ETC2-KBPC15 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC15 YANGJIE-KBPC15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC15 CHENG-YI-KBPC15 Datasheet
135Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - KBPC15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150 Datasheet
21Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A_06 Datasheet
77Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15 WTE-KBPC15_06 Datasheet
54Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ15 NELLSEMI-GBJ15 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 15A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com