Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC15 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBPC15
Description  Single-Phase Bridge Rectifier, 15A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBPC15 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBPC15 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBPC15 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBPC15 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Universal 3-way terminals: snap-on, wire
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Case: KBPC, KBPC-W
Epoxy meets UL 94 V-O flammability rating
Terminals: Nickel plated on faston lugs or silver plated on
wire leads,solderable per J-STD-002 and
Polarity: As marked
Weight: 25g (0.88 ozs)
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 3
Single-Phase Bridge Rectifier, 15A
Nell High Power Products
Compliant to RoHS
wrap-around, or PCB mounting
High surge current capability
Low thermal resistance
Solder dip 260°C, 40s
rectification for power supply, home appliances,
office equipment, industrial automation applications.
MECHANICAL DATA
Mounting Torque: 20 inches-lbs. max. (M5 screw)
KBPC15
KBPC1506 Thru KBPC1512
JESD22-B102. Suffix letter “W” added to
1.135 (28.8)
1.115 (28.3)
0.042 (1.07)
0.038 (0.97)
DIA.
0.445 (11.3)
0.421 (10.7)
1.25
(31.8)
MIN.
1.135 (28.8)
1.115 (28.3)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
KBPC-W
1.122 (28.5)
1.10 (28)
0.672 (17.1)
0.632 (16.1)
0.732 (18.6)
0.692 (17.6)
0.094 (2.4)
DIA.
0.25
(6.35)
AC
0.840 (21.3)
0.740 (18.8)
0.582 (14.8)
0.542 (13.8)
0.672 (17.1)
0.632 (16.1)
1.122 (28.5)
1.10 (28)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
0.445 (11.3)
0.421 (10.7)
KBPC
0.034 (0.86)
0.030 (0.76)
~
~
indicate wire leads(e.g. KBPC1506W).
0.732 (18.6)
0.692 (17.6)
0.732 (18.6)
0.692 (17.6)
0.470 (11.9)
0.430 (10.9)
All dimensions in inches (millimeters)
www.nellsemi.com
+
-


Similar Part No. - KBPC15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC15 WTE-KBPC15 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC15 ETC1-KBPC15 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC15 ETC2-KBPC15 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC15 YANGJIE-KBPC15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC15 CHENG-YI-KBPC15 Datasheet
135Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBPC15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150 Datasheet
21Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A_06 Datasheet
77Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15 WTE-KBPC15_06 Datasheet
54Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ15 NELLSEMI-GBJ15 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 15A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com